전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MABACT0066 데이터시트(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

부품명 MABACT0066
상세설명  Transformer, 4:1 transmission line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0066 데이터시트(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MABACT0066 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0066 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0066 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0066 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Transformer, 4:1 transmission line
5 to 1000 MHz
Rev. V3
MABACT0066
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves: TA = 25°C, Z0 = 50Ω, Pin = 0dBm
Insertion Loss 2: through pin 4 to pin 3
Insertion Loss 1: coupled pin 4 to pin 1
Phase Balance
Amplitude Balance
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
5
171
337
502
668
834
1000
Frequency (MHz)
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
5
171
337
502
668
834
1000
Frequency (MHz)
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
5
171
337
502
668
834
1000
Frequency (MHz)
170
172
174
176
178
180
182
184
186
188
190
5
171
337
502
668
834
1000
Frequency (MHz)



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com