전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

9058AC 데이터시트(PDF) 2 Page - Alpha Wire

부품명 9058AC
상세설명  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPHAWIRE [Alpha Wire]
홈페이지  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

9058AC 데이터시트(HTML) 2 Page - Alpha Wire

  9058AC Datasheet HTML 1Page - Alpha Wire 9058AC Datasheet HTML 2Page - Alpha Wire 9058AC Datasheet HTML 3Page - Alpha Wire 9058AC Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Physical & Mechanical Properties
1) Temperature Range
-20 to 60°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
12.1 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
1400 VRMS
2) Characteristic Impedance
50 +/- 2
3) Ground Capacitance
30.8 pf/ft @1 kHz, Nominal
4) Velocity of Propagation
66 %
5) Conductor DCR
11.9 /1000ft @20°C, Nominal
6) OA Shield DCR
4.5 /1000ft @20\°C, Nominal
7) Voltage Withstanding
5 kV, Minimum
8) Corona Extinction
1.9 kV, Minimum
9) Attenuation, Max dB/100ft
5.8 @ 100 MHz
28 @ 1 GHz
Other
1) Packaging
a) 1000 FT
b) BOX 1000FT
c) 500 FT
d) 100 FT
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not
ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out
of or in connection with the use, or inability to use, the information or specifications described herein.
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
RoHS CERTIFICATE OF COMPLIANCE
To Whom It May Concern:
Alpha Wire Part Number:9058AC
9058AC , RoHS-Compliant Commencing With9/1/2005Production



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com