| 전자부품 데이터시트 검색엔진 |
|
CSA1293 데이터시트(PDF) 2 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
CSA1293 데이터시트(HTML) 2 Page - Continental Device India Limited |
|
2 / 3 page ![]() TO-220 Plastic Package TO-220 Tube Packing B 1 23 PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER 4. COLLECTOR 1 2 3 4 J M G D F E C DIM M IN . M AX . A 14.42 16.51 B 9.63 10.67 C 3.56 4.83 D — 0.90 E 1.15 1.40 F 3.75 3.88 G 2.29 2.79 H 2.54 3.43 J — 0.56 K 12.70 14.73 L 2.80 4.07 M 2.03 2.92 N — 31.24 OD EG 7 DEVICE NAME Label 536.00 ±1.5 50 Pcs./Tube 6.87 13.74 End Pin Tube Thickness Sr. QTY. AMMO PA C K SIZE 20 Tubes/A m m o Pack 1000 pcs./A m m o Pack DE VIC E N AM E Sr. Qt y. Label 53 8.0 0 75.0 Continental Device India Limited Data Sheet Page 2 of 3 |