전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSA719 데이터시트(PDF) 2 Page - Continental Device India Limited

부품명 CSA719
상세설명  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA719 데이터시트(HTML) 2 Page - Continental Device India Limited

  CSA719 Datasheet HTML 1Page - Continental Device India Limited CSA719 Datasheet HTML 2Page - Continental Device India Limited CSA719 Datasheet HTML 3Page - Continental Device India Limited CSA719 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pin 1: Cathode
Pin 3: Anode
DIM
Min
Max
DIM
Min
Max
A
4.32
5.33
G
1.14
1.40
B
4.45
5.20
H
1.20
1.80
C
3.18
4.19
K
12.5
D
0.40
0.55
L
1.982
2.082
E
0.30
0.55
M
1.03
1.53
F
Pin 1
Emitter
Pin 2
Pin 3
Collector
TO-92 Leaded Plastic Package
All Dimensions are in mm
5º
Continental Device India Limited
Data Sheet
Page 2 of 4
TO-92
Plastic Package
2N5551
BC327/A BC328 PNP
Base
TO-92
Plastic Package
CSA719
CSA720
CSA719_720 Rev_2 201008E



Html Pages

1 2 3 4