| 전자부품 데이터시트 검색엔진 |
|
P87LPC764FDH 데이터시트(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87LPC764FDH 데이터시트(HTML) 24 Page - NXP Semiconductors |
|
24 / 60 page ![]() Philips Semiconductors Product data P87LPC764 Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP 2003 Sep 03 23 SU01165 87LPC764 QUARTZ CRYSTAL OR CERAMIC RESONATOR X2 X1 THE OSCILLATOR MUST BE CONFIGURED IN ONE OF THE FOLLOWING MODES: – LOW FREQUENCY CRYSTAL – MEDIUM FREQUENCY CRYSTAL – HIGH FREQUENCY CRYSTAL * CAPACITOR VALUES MAY BE OPTIMIZED FOR DIFFERENT OSCILLATOR FREQUENCIES (SEE TEXT) A SERIES RESISTOR MAY BE REQUIRED IN ORDER TO LIMIT CRYSTAL DRIVE LEVELS. THIS IS PARTICULARLY IMPORTANT FOR LOW FREQUENCY CRYSTALS (SEE TEXT). Figure 16. Using the Crystal Oscillator SU01166 87LPC764 X2 X1 THE OSCILLATOR MUST BE CONFIGURED IN THE EXTERNAL CLOCK INPUT MODE. A CLOCK OUTPUT MAY BE OBTAINED ON THE X2 PIN BY SETTING THE ENCLK BIT IN THE P2M1 REGISTER. CMOS COMPATIBLE EXTERNAL OSCILLATOR SIGNAL Figure 17. Using an External Clock Input |