전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F25F60CPM 데이터시트(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

부품명 F25F60CPM
상세설명  Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
홈페이지  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

F25F60CPM 데이터시트(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  F25F60CPM Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd F25F60CPM Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd F25F60CPM Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd F25F60CPM Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
(MOS-p〈2012.06〉)(2014.04)2
■特性図 CHARACTERI
STI
C DI
AGRAMS
0
100
60
80
40
20
全損失減少率 − ケース温度
Power Derating - Case Temperature
0
25
50
75
125
150
100
Case Temperature Tc〔℃〕
Ciss
Ciss
Ciss
Coss
Coss
Coss
Crss
Crss
Crss
キャパシタンス特性
Capacitance Characteristics
100000
10000
1000
100
0.1
10
1
Tc=25℃
f=1MHz
TYP
0
300
400
500
600
100
200
Drain・Source Voltage VDS〔V〕
0
50
40
30
20
10
出力特性
Typical Output Characteristics
02
4
8
10
6
Pulse measurement
Drain・Source Voltage VDS〔V〕
TC=25℃
TYP
VVGS
GS
==6
6VV
VGS=6V
VVGS
GS
==5
5VV
VGS=5V
VVGS
GS
==4
4VV
VGS=4V
VVGS
GS
==10
10VV
VGS=10V
8
8VV
8V
伝達特性
Transfer Characteristics
05
10
20
15
Pulse measurement
Gate・Source Voltage VGS〔V〕
VDS=20V
TYP
0
50
40
30
20
10
150
150℃
℃
150℃
Tc=−55℃
25℃
100℃
ドレイン・ソース間オン抵抗 −ドレイン電流
Static Drain-Source On-state Resistance vs Drain Current
0.
1
1
0.
01
0.
1
1050
1
VGS=10V
Tc=25℃
TYP
Pulse measurement
Drain Current ID〔A〕
ドレイン・ソース間オン抵抗 − ケース温度
Static Drain-Source On-state Resistance vs Case Temperature
1
0.
1
0.
01
−55
0
100
150
50
VGS=10V
TYP
Pulse measurement
Case Temperature Tc〔℃〕
IIDD==12.5
12.5A
A
ID=12.5A
−55
0
100
150
50
ゲートしきい値電圧 − ケース温度
Gate Threshold Voltage vs Case
Temperature
5
0
4
3
2
1
VDS=10V
ID=1mA
TYP
Pulse measurement
Case Temperature Tc〔℃〕
安全動作領域
Safe Operating Area
1
10
100
50
75
25
0.
01
0..1
10
1
600
100
1000
Tc=25℃
Single pulse
DC
DC
DC
10ms
10ms
10ms
1ms
1ms
1ms
200μs
200μs
200μs
100μs
100μs
100μs
10μs
10μs
10μs
Drain・Source Voltage VDS〔V〕
過渡熱抵抗
Transient Thermal Impedance
10
0.001
0.01
1
0.1
10−4
10−5
10−3 10−2 10−1 100
101
102
Time t〔s〕
VVGGSS
VGS
VVDS
DS
VDS
ゲートチャージ特性
0
500
300
400
200
100
Gate Charge Characteristics
0
20
40
80
100
60
ID=25A
TYP
Total Gate Charge Qg〔nC〕
VVDD
DD
==400
400V
V
200
200V
V
100
100V
V
VDD=400V
200V
100V
0
16
20
12
8
4
RRDS
DS(
(on
on)
)
Restricted space
Restricted space
RDS(on)
Restricted space
F25F60CPM
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com