전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3250A 데이터시트(PDF) 2 Page - Continental Device India Limited

부품명 2N3250A
상세설명  PNP SILICON PLANAR SWITCHING TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3250A 데이터시트(HTML) 2 Page - Continental Device India Limited

  2N3250A Datasheet HTML 1Page - Continental Device India Limited 2N3250A Datasheet HTML 2Page - Continental Device India Limited 2N3250A Datasheet HTML 3Page - Continental Device India Limited 2N3250A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N3250, A/ 2N3251,A
TO-18
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
SMALL SIGNAL CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
2N3250, A
2N3251, A UNIT
DC Current Gain
*hFE
IC=0.1mA, VCE=1V
>40
>80
IC=1mA, VCE=1V
>45
>90
IC=10mA, VCE=1V
50 - 150
100 - 300
IC=50mA, VCE=1V
>15
>30
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
2N3250, A
2N3251, A UNIT
VCE=10V, IC=1mA,
f=1KHz
VCE=10V, IC=1mA,
f=1KHz
VCE=10V, IC=1mA,
f=1KHz
VCE=10V, IC=1mA,
f=1KHz
VCE=5V, IC=0.1mA,
RS=1KΩ, f=100Hz
Transition Frequency
fT
IC=10mA, VCE=20V,
f=100MHz
>250
>300
MHz
Output Capacitance
Cob
VCB=10V, IE=0,
f=100KHz
pF
Input Capacitance
Cib
VEB=1V, IC=0,
f=100KHz
pF
SWITCHING TIME
DESCRIPTION
SYMBOL
TEST CONDITION
2N3250, A
2N3251, A UNIT
Delay Time
td
ns
Rise Time
tr
ns
Storage time
ts
<175
<200
ns
Fall Time
tf
ns
*Pulse Test: Pulse Width < 300
µµs, Duty Cycle < 2%
2N3250_A_2N3251_ARev_1 311003D
Noise Figure
NF
Collector Base Time Constant
<35
<35
<50
IC=10mA, VCE=20V,
f=31.8MHz
<250
ps
rb'CC
dB
<6.0
<6.0
<8.0
K
<10
<20
4 - 40
10 - 60
x 10
-4
µΩ
50 - 200
100 -400
1.0 - 6.0
2.0 - 12.0
Input Impedence
Reverse Voltage Transfer Ratio
Output Admittance
hie
hre
hoe
VCC=3V, VBE=0.5V,
IC=10mA, IB1=1mA
VCC=3V, IC=10mA,
IB1=IB2=1mA
hfe
Small Signal Current Gain
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com