| 전자부품 데이터시트 검색엔진 |
|
HCPL-3101 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HCPL-3101 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 14 page ![]() 2 Ordering Information HCPL-3100 and HCPL-3101 are UL Recognized with 5000 Vrms for 1 minute per UL1577. Option Part Surface Gull Tape Number RoHS Compliant Package Mount Wing & Reel Quantity HCPL-3100 -000E 300 mil DIP-8 50 per tube HCPL-3101 -300E X X 50 per tube -500E X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: HCPL-3100-500E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging and RoHS compliant. Example 2: HCPL-3101-000E to order product of 300 mil DIP package in Tube packaging and RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and RoHS compliant will use ‘–XXXE.’ Schematic ANODE CATHODE 1 2 – + IF I CC 8 7 6 5 GND VCC VO2 VO1 IO2 Q2 Q1 HCPL-3100 THE USE OF A 0.1 µF BYPASS CAPACITOR CONNECTED BETWEEN PINS 8 AND 7 IS RECOMMENDED. ALSO CURRENT LIMITING RESISTOR IS RECOMMENDED (SEE FIGURE 1, AND NOTE 2 AND NOTE 7). IO1 ANODE CATHODE 2 – + IF I CC 8 7 6 5 GND VCC VO2 VO1 Q2 Q1 HCPL-3101 IO2 IO1 3 |