전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MA4SW210B-310B 데이터시트(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

부품명 MA4SW210B-310B
상세설명  HMIC??Silicon PIN Diode Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW210B-310B 데이터시트(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MA4SW210B-310B Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW210B-310B Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW210B-310B Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW210B-310B Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW210B-310B Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW210B-310B Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW210B-310B Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
Rev. V4
MA4SW210B-1
MA4SW310B-1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM has under
development. Performance is based on engineering tests. Specifications are typical. Mechanical
outline has been fixed. Engineering samples and/or test data may be available. Commitment to
produce in volume is not guaranteed.
HMIC™ Silicon PIN Diode Switches
with Integrated Bias Network
Operation of the MA4SW 210B-1 and MA4SW310B-1
Operation of the MA4SW210B-1 and MA4SW310B-1 PIN diode switches is achieved by simultaneous
application of DC currents to the bias pads. The required levels for the different states are shown in the tables
below. The control currents should be supplied by constant current sources. The nominal 40Ω - 60Ω pull-up
resistor voltage @ J4 and J5 is usually -1V for –20mA and +20mA for +1V.
Driver Connections MA4SW210B-1
Control Level
IDC @
Condition
of
RF Output
Condition
of
RF Output
J4
J5
J1 - J2
J1 - J3
-20mA
+20mA
Low Loss
Isolation
+20mA
-20mA
Isolation
Low Loss
Driver Connections MA4SW310B-1
Control Level
IDC @
Condition
of
RF Output
Condition
of
RF Output
Condition
of
RF Output
J5
J6
J7
J1 - J2
J1 - J3
J1 - J4
-20mA +20mA +20mA
Low Loss
Isolation
Isolation
+20 mA -20mA +20mA
Isolation
Low Loss
Isolation
+20mA +20mA -20mA
Isolation
Isolation
Low Loss
Equivalent Circuit MA4SW210B-1
Equivalent Circuit MA4SW310B-1



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com