| 전자부품 데이터시트 검색엔진 |
|
SR130 데이터시트(PDF) 2 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
SR130 데이터시트(HTML) 2 Page - Continental Device India Limited |
|
2 / 5 page ![]() SR120 to SR1100 DO-41P Axial Lead Plastic Package 52mm - DO-41P Package 26mm - DO-41P Package DIM Min Max DIM Min Max A 25.40 A 14.60 B 4.20 5.20 B 4.10 5.20 C 0.70 0.90 C 0.71 0.86 D 2.00 2.70 D 2.00 2.70 All Dimensions are in mm All Dimensions are in mm SR120_1100 Rev110607E DO-41P Axial Lead Plastic Package Continental Device India Limited Data Sheet Page 2 of 5 |