전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PVC-105-16 데이터시트(PDF) 40 Page - Alpha Wire

부품명 PVC-105-16
상세설명  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPHAWIRE [Alpha Wire]
홈페이지  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-16 데이터시트(HTML) 40 Page - Alpha Wire

Back Button PVC-105-16 Datasheet HTML 34Page - Alpha Wire PVC-105-16 Datasheet HTML 35Page - Alpha Wire PVC-105-16 Datasheet HTML 36Page - Alpha Wire PVC-105-16 Datasheet HTML 37Page - Alpha Wire PVC-105-16 Datasheet HTML 38Page - Alpha Wire PVC-105-16 Datasheet HTML 39Page - Alpha Wire PVC-105-16 Datasheet HTML 40Page - Alpha Wire PVC-105-16 Datasheet HTML 41Page - Alpha Wire PVC-105-16 Datasheet HTML 42Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
520
FIT > FIT Wire Management > Tinned Copper Braid
FIT® Wire Wire Management
Tinned Copper Braid
Flat, Oval
A-A-59551 (as indicated)
Color
• Silver
Material
• Tinned copper braid
Part
No.
Inside Diameter,
Nom.
Braid Construction
AWG
Equivalent,
Approx.
CMA,
Nom.
Current-
Carrying
Capacity
Standard Put-Ups
Inch
mm
AWG of
Individ. Ends
Carriers
No. of
Individ. Ends
Amps
Ft
m
2132
1/16
1.59
34
16
32
19
1192
11
100, 500,
1000
30.5, 152,
305
2138
11/64
4.37
34
24
120
14
4770
32
100, 500,
1000
30.5, 152,
305
2140*
3/16
4.76
34
24
144
13
5724
38
100, 500
30.5, 152
2142*
1/4
6.35
34
24
168
12
6678
41
100, 500
30.5, 152
2144*
3/8
9.53
34
24
192
11
7632
46
100, 500,
30.5, 152
2146
1/2
12.70
34
48
336
9
13,356
62
100
30.5
2148*
5/8
15.88
34
48
384
8
14,264
64
100
30.5
2150*
11/16
17.46
34
48
480
7
19,080
81
100
30.5
2152
25/32
19.84
34
48
528
7
20,988
85
100
30.5
Availability
See table
Spools may contain multiple
lengths
*Not A-A-59551.
Bare Copper Braid
Flat
Material
• Bare copper braid
Availability
See table
Spools may contain multiple
lengths
Part
No.
Dimensions, Nom.
Braid Construction
CMA,
Nom.
Current-
Carrying
Capacity
Standard Put-Ups
Inch
mm
AWG of
Individ. Ends
Carriers
No. of
Individ. Ends
Amps
Ft
m
95106
0.062 x
0.016
1.57 x 0.41
20
16
96
949
10.2
100, 500,
1000
30.5, 152,
305
95079
0.250 x
0.030
6.35 x 0.76
14
27
168
4200
27.9
100, 500,
1000
30.5, 152,
305



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com