전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI6C20400BLE 데이터시트(PDF) 8 Page - Pericom Semiconductor Corporation

부품명 PI6C20400BLE
상세설명  1 4 Clock Driver for Intel PCIe짰 3.0 Chipsets
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20400BLE 데이터시트(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6C20400BLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.pericom.com
P-0.1
10/12/2011
PI6C20400B
1:4 Clock Driver for Intel PCIe® 3.0 Chipsets
AC Switching Characteristics (V
DD = 3.3±5%, VDD_A = 3.3±5%)
Symbol
Parameters
Condition
Min
Typ.
Max.
Units
Notes
F
IN
PLL Mode
95
105
MHz
Bypass Mode
100
400
MHz
T
rise / Tfall
Rise and Fall Time (measured be-
tween 0.175V to 0.525V)
175
700
ps
2
DT
rise / DTfall
Rise and Fall Time Variation
125
ps
2
T
pd
PLL Mode
±250
ps
Non-PLL Mode
2.5
6.5
ns
T
jitter
Cycle – Cycle Jitter
50
ps
3, 4
V
HIGH
Voltage High including overshoot
660
1150
mV
2
V
LOW
Voltage Low including undershoot
-300
mV
2
V
cross
Absolute crossing point voltages
250
550
mV
2
DV
cross
Total Variation of Vcross over all
edges
140
mV
2
T
DC
Duty Cycle
45
55
%
3
t
jphPCIeG1
Phase Jitter, PLL Mode
PCIe Gen1
30
86
ps (p-p)
t
jphPCIeG2
PCIE_2_0_8MHz_1_5M_H3_STEP,
Low Freq.
0.7
3
ps (rms)
PCIE_2_0_8MHz_1_5M_H3_STEP,
High Freq.
2
3.1
t
jphPCIeG3
PCIE_3_0_2MHz_5M_H3_FIRST,
Low Freq.
2
3
PCIE_3_0_2MHz_5M_H3_FIRST,
High Freq.
0.47
1
t
jphPCIeG1
Additive Phase Jitter, Bypass Mode
PCIe Gen1
0
0.001
ps (p-p)
t
jphPCIeG2
PCIE_2_0_8MHz_1_5M_H3_
FIRST, Low Freq.
0
0.001
ps (rms)
PCIE_2_0_8MHz_1_5M_H3_
FIRST, High Freq.
0
0.001
t
jphPCIeG3
PCIE_3_0_2MHz_5M_H3_FIRST,
Low Freq.
0
0.001
PCIE_3_0_2MHz_5M_H3_FIRST,
High Freq.
0
0.001
Notes:
1. Test configuration is R
s = 33.2Ω, Rp = 49.9Ω, and 2pF.
2. Measurement taken from Single Ended waveform.
3. Measurement taken from Differential waveform.
4. Measurement taken using M1 data capture analysis tool.
5. Additive jitter is calculated from input and output RMS phase jitter by using PCIe 2.0 filter. (T
jadd = √(output jitter)
2
– (input jitter)2
11-0126



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com