전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLFF6000 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd.

부품명 PLFF6000
상세설명  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PLFF6000 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd.

  PLFF6000 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Front View of Assembly
Bottom View of Assembly
Rear View of Assembly
Side View of Assembly
Black
XPFA254BK
Beige - RAL7032
XPFA254CG
Gray - ANSI 61
XPFA254GY
Light Gray - RAL7035
XPFA254LG
Standard Filter Media (Pkg of 5)
PFF6000
Pleated Filter Media (Pkg of 5)
PLFF6000
PART NUMBERS
XPFA254 Filter Fan Grill
Accessories
NOTE
Purchased assembly includes snap-together Cover and Base (FRABS
UL94-V0), foam EVA gasket, stainless steel mounting hardware, filter
media and installation template.
XPFA254
OPTIONAL FAN
HAMMOND #FAN10A115
or
#FAN10A220
#10-32 SERRATED NUT
#10-32 X 1/2" BLACK SCREW
#10 WASHER
BASE
FILTER MEDIA
CUT-OUT PER TEMPLATE
#10-32 X 5/8" TRILOBE
SCREW (FOR FAN)
COVER
Pre-Installed
Foam Gasket
305.00 mm
[12.008 in]
305.00 mm
[12.008 in]
R19.00 mm
[.748 in]
6.35 mm
[.250 in]
x 8
Grill Mounting Holes
5.50 mm
[.217 in]
x 8
Fan Mounting Holes
on 245.5mm/9.67" circle
24.00 mm
[.945 in]
1.53 mm
[.060 in]
Gasket Thickness
279.40 mm
[11.000 in]
139.70 mm
[5.500 in]
12.70 mm
[.500 in]


유사한 부품 번호 - PLFF6000

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
PLFF2000 HAMMOND-PLFF2000 Datasheet
230Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

유사한 설명 - PLFF6000

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
1487DV1 HAMMOND-1487DV1 Datasheet
155Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487DV2 HAMMOND-1487DV2 Datasheet
152Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E12SS HAMMOND-1487E12SS Datasheet
55Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E24 HAMMOND-1487E24 Datasheet
167Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E48 HAMMOND-1487E48 Datasheet
188Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E120 HAMMOND-1487E120 Datasheet
190Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EHSS HAMMOND-1487EHSS Datasheet
14Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EK HAMMOND-1487EK Datasheet
94Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EL2SS HAMMOND-1487EL2SS Datasheet
16Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EM6 HAMMOND-1487EM6 Datasheet
133Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com