전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CLH 데이터시트(PDF) 17 Page - List of Unclassifed Manufacturers

부품명 CLH
상세설명  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CLH 데이터시트(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button CLH Datasheet HTML 13Page - List of Unclassifed Manufacturers CLH Datasheet HTML 14Page - List of Unclassifed Manufacturers CLH Datasheet HTML 15Page - List of Unclassifed Manufacturers CLH Datasheet HTML 16Page - List of Unclassifed Manufacturers CLH Datasheet HTML 17Page - List of Unclassifed Manufacturers CLH Datasheet HTML 18Page - List of Unclassifed Manufacturers CLH Datasheet HTML 19Page - List of Unclassifed Manufacturers CLH Datasheet HTML 20Page - List of Unclassifed Manufacturers CLH Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
SMD Multilayer Ceramic Chip Inductors – CLH Series
Test Instruments:Agilent E4991A Material/Impedance Analyzer
CLH1608T-1N8S-S
0
1
2
3
4
5
6
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:8000MHz IDC:600mA
0
10
20
30
40
50
60
CLH1608T-2N2S-S
0
1
2
3
4
5
6
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.1Ω SRF:7200MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
CLH1608T-2N7S-S
0
1
2
3
4
5
6
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:6200MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
CLH1608T-3N3S-S
0
1
2
3
4
5
6
7
8
9
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.12Ω SRF:5200MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
CLH1608T-3N9S-S
0
1
2
3
4
5
6
7
8
9
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.14Ω SRF:5000MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
CLH1608T-4N7S-S
0
1
2
3
4
5
6
7
8
9
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.16Ω SRF:4750MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
CLH1608T-5N6S-S
0
1
2
3
4
5
6
7
8
9
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.18Ω SRF:4100MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
CLH1608T-6N8J-S
0
2
4
6
8
10
12
14
16
18
20
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.22Ω SRF:3750MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
CLH1608T-8N2J-S
0
2
4
6
8
10
12
14
16
18
20
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY(MHz)
RDC<0.24Ω SRF:3300MHz IDC:600mA
CLH1608T-10NJ-S
0
2
4
6
8
10
12
14
16
18
20
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY(MHz)
RDC<0.26Ω SRF:3000MHz IDC:600mA
CLH1608T-12NJ-S
0
2
4
6
8
10
12
14
16
18
20
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY(MHz)
RDC<0.28Ω SRF:2600MHz IDC:600mA
CLH1608T-15NJ-S
0
10
20
30
40
50
60
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY(MHz)
RDC<0.32Ω SRF:2400MHz IDC:600mA
CLH1608T-18NJ-S
0
10
20
30
40
50
60
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY(MHz)
RDC<0.35Ω SRF:2400MHz IDC:600mA
CLH1608T-22NJ-S
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
0
10
20
30
40
50
FREQUENCY(MHz)
RDC<0.4Ω SRF:2000MHz IDC:500mA
CLH1608T-27NJ-S
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.45Ω SRF:1900MHz IDC:500mA
0
10
20
30
40
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com