| 전자부품 데이터시트 검색엔진 |
|
MHCB06030-R10M-C1 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MHCB06030-R10M-C1 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 3 page ![]() Molding Power Choke – MHCB Series MHCB Series MHCB series is designed for low profile type with low RDC and ultra large current. Its molded magnetic shielded type is suitable for high-density mounting and ultra low buzz noise. Soldering conditions can be easily confirmed when mounting onto the board. This series also provides customers with embossed carrier type packaging for automatic mounting machine. Features Applications RoHS compliant Low profile type Shielded construction Ultra low buzz noise due to molding construction High density DC/DC converters POL converters High current VRM/VRD for notebook / Server / desktop CPUs High speed charger For thickness less than 1.2mm, suitable for low profile applications e.g., Ultra thin NB/Monitor/TV/Tablet Product Identification Shape and Dimensions Recommended Pattern Dimensions in mm TYPE A B C D F 06030 6.6±0.2 6.95±0.35 2.8±0.2 3.0±0.3 1.6±0.5 Dimensions in mm TYPE A B C 06030 3.5 6.05 2.35 |
유사한 부품 번호 - MHCB06030-R10M-C1 |
|
유사한 설명 - MHCB06030-R10M-C1 |