전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES3A 데이터시트(PDF) 1 Page - Continental Device India Limited

부품명 ES3A
상세설명  SURFACE MOUNT SUPER FAST RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

ES3A 데이터시트(HTML) 1 Page - Continental Device India Limited

  ES3A Datasheet HTML 1Page - Continental Device India Limited ES3A Datasheet HTML 2Page - Continental Device India Limited ES3A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A - ES3J
DO-214AB (SMC)
Surface Mount Package
Polarity: Colour band denotes Cathode end
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25ºC Ambient Temperature unless specified otherwise. Single Phase, half wave 60Hz, Resistive or
Inductive Load, for Capacitive Load current derate by 20%)
SYMBOL ES3A ES3B ES3C
ES3G ES3J
UNIT
Maximum Peak Repetitive Reverse Voltage
VRRM
50
100
150
400
600
V
VRMS
35
70
105
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
400
600
V
I(AV)
A
single half sine-wave superimposed on
VF
1.7
V
Maximum DC Reverse Current
Ta=25
oC
at Rated DC Blocking Voltage
Ta=100
oC
Maximum Reverse Recovery Time
*trr
ns
Typical Junction Capacitance
**CJ
pF
Thermal Resistance Junction to Ambient
***Rth (j-a)
ºC/W
Tj, Tstg
ºC
*Reverse recovery condition IF=0.5A, IR=1A, trr=0.25A
**Measured at 1MHz and applied reverse voltage 0f 4.0V D.C
*** Mounted on P.C.B with "0.2 x 0.2" ( 5 x 5mm ) Copper Pad Areas
ES3A_3J Rev300310E
IR
Maximum Average Forward Rectified Current
at TL=75
oC
DESCRIPTION
Maximum RMS Voltage
Peak Forward Surge Current 8.3ms
IFSM
rated load
Maximum Instantaneous Forward Voltage at
IF=3.0A
Operating Junction and Storage Temperature
Range
- 65 to +150
140
200
ES3D
200
300
210
300
ES3E
3.0
100
A
0.95
1.25
5.0
TYP47
µA
45
100
35
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


유사한 부품 번호 - ES3A

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ES3A DIODES-ES3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
Fuji Electric
ES3A FUJI-ES3A Datasheet
723Kb / 1P
3 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
logo
General Semiconductor
ES3A GE-ES3A Datasheet
68Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Weitron Technology
ES3A WEITRON-ES3A Datasheet
302Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Diodes Incorporated
ES3A DIODES-ES3A Datasheet
107Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
More results

유사한 설명 - ES3A

제조업체부품명데이터시트상세설명
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com