전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D4MC-5020 데이터시트(PDF) 2 Page - Omron Electronics LLC

부품명 D4MC-5020
상세설명  Economical, High Utility Enclosed Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4MC-5020 데이터시트(HTML) 2 Page - Omron Electronics LLC

  D4MC-5020 Datasheet HTML 1Page - Omron Electronics LLC D4MC-5020 Datasheet HTML 2Page - Omron Electronics LLC D4MC-5020 Datasheet HTML 3Page - Omron Electronics LLC D4MC-5020 Datasheet HTML 4Page - Omron Electronics LLC D4MC-5020 Datasheet HTML 5Page - Omron Electronics LLC D4MC-5020 Datasheet HTML 6Page - Omron Electronics LLC D4MC-5020 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
D4MC
Ratings
Note: 1. The above figures are for steady-state currents.
2. Inductive loads have a power factor of 0.4 min. (AC) and a time
constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-state current.
4. Motor load has an inrush current of 6 times the steady-state current.
5. The above ratings were tested under the following conditions.
(1) Ambient temperature: +20
±2°C
(2) Ambient humidity: 65
±5%RH
(3) Operating frequency: 20 operations/min
Approved Standard Ratings
UL/CSA
A300
EN60947-5-1
CCC (GB14048.5)
Characteristics
*1. Only for models with plungers. (Contact your OMRON representative for
information on other models.)
*2. Less than 1 ms under a free state at the operating limits.
Engineering Data
Electrical Durability
Mechanical Durability (D4MC-5000)
Structure and Nomenclature
Rated
voltage
Non-inductive load (A)
Inductive load (A)
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
250 VAC
480 VAC
10
10
3
3
2.5
1.5
1.5
1.25
0.75
10
10
2.5
5
3
1.5
2.5
1.5
0.75
8 VDC
14 VDC
30 VDC
125 VDC
250 VDC
10
10
6
0.5
0.25
3
3
3
0.4
0.2
1.5
1.5
1.5
0.4
0.2
6
6
5
0.05
0.03
5
5
5
0.05
0.03
2.5
2.5
2.5
0.05
0.03
Inrush
current
NC
30 A max.
NO
15 A max.
Rated voltage
Carry
current
Current (A)
Volt-amperes (VA)
Make
Break
Make
Break
120 VAC
10A
60
6
7,200
720
240 VAC
30
3
Applicable category and ratings
AC-12 10 A/250 VAC
Degree of protection
IP67
Durability
Mechanical
10,000,000 operations min.
Electrical
500,000 operations min.
Operating speed
0.05 mm/s to 0.5 m/s *1
Operating
frequency
Mechanical
120 operations/min
Electrical
20 operations/min
Rated frequency
50/60 Hz
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
15 m
Ω max. (initial value for the built-in
switch when tested alone)
Dielectric
strength
Between terminals of the
same polarity
1,000 VAC, 50/60 Hz for 1 min
Between each terminal and
non-current-carrying part
2,000 VAC, 50/60 Hz for 1 min
Rated insulation voltage (Ui)
1,000 VAC
Pollution degree
(operating environment)
3 (IEC947-5-1)
Protection against electric shock
Class II
PTI (tracking characteristics)
175
Switch category
D (IEC335)
Rated operating current (Ie)
10 A
Rated operating voltage (Ue)
250 VAC
Vibration
resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude *2
Shock
resistance
Destruction
1,000 m/s2 min.
Malfunction
100 m/s2 min. *1 *2
Ambient operating temperature
−10°C to +80°C (with no icing)
Ambient operating humidity
35% to 95%RH
Weight
Approx. 71 g (in case of panel mount plunger)
10,000
7,000
3,000
5,000
1,000
700
500
300
70
30
10
50
02
4
6
8
10
12
Switching Current (A)
Operating temperature: +20
±2°C
Operating humidity: 65
±5%RH
Operating frequency: 20 operations/min
125 VAC cos
φ=1
125 VAC cos
φ=0.4
250 VAC cos
φ=1
250 VAC cos
φ=0.4
100
Operating temperature: +20
±2°C
Operating humidity: 65
±5%RH
No load
Operating frequency: 120 operations/min
OT (mm)
0.01 0.02
0.05 0.1
0.2
0.5
1
2
5
10
10,000
5,000
2,000
1,000
500
200
100
Structure
Changing the Terminal Protective Cover
around allows the cable to be pulled out
from either the right or the left.
M4 binding head screws (with toothed
washers) are used as the terminal screws.
Roller
Case
Built-in switch
Seal rubber
Normally closed
terminal (NC)
Normally open
terminal (NO)
Common
terminal (COM)
Terminal
Protective
Cover
Pushbutton
Contact Form
(COM) 1
2 (NC)
4 (NO)



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com