전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S202SE2F 데이터시트(PDF) 11 Page - Sharp Corporation

부품명 S202SE2F
상세설명  Non-zero cross type is also available. (S202SE1 Series)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S202SE2F 데이터시트(HTML) 11 Page - Sharp Corporation

Back Button S202SE2F Datasheet HTML 6Page - Sharp Corporation S202SE2F Datasheet HTML 7Page - Sharp Corporation S202SE2F Datasheet HTML 8Page - Sharp Corporation S202SE2F Datasheet HTML 9Page - Sharp Corporation S202SE2F Datasheet HTML 10Page - Sharp Corporation S202SE2F Datasheet HTML 11Page - Sharp Corporation S202SE2F Datasheet HTML 12Page - Sharp Corporation S202SE2F Datasheet HTML 13Page - Sharp Corporation S202SE2F Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
■ Manufacturing Guidelines
● Soldering Method
Flow Soldering (No solder bathing)
Flow soldering should be completed below 260˚C and within 10s.
Preheating is within the bounds of 100 to 150˚C and 30 to 80s.
Please solder within one time.
Other notices
Please test the soldering method in actual condition and make sure the soldering works fine, since the impact
on the junction between the device and PCB varies depending on the tooling and soldering conditions.
11
S202SE2 Series
Sheet No.: D4-A03301EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com