| 전자부품 데이터시트 검색엔진 |
|
L9822E 데이터시트(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9822E 데이터시트(HTML) 12 Page - STMicroelectronics |
|
12 / 17 page ![]() Functional description L9822E 12/17 4.6 Fault conditions check Checking for fault conditions may be done in the following way. Clock in a new control byte. Wait 160 µs or so to allow the outputs to settle. Clock in the same control byte and observe the diagnostic data that comes out of the device. The diagnostic bits should be identical to the bits that were first clocked in. Any differences would point to a fault on that output. If the output was programmed ON by clocking in a zero, and a one came back as the diagnostic bit for that output, the output pin was still high and a short circuit or overload condition exists. If the output was programmed OFF by clocking in a one, and a zero came back as the diagnostic bit for that output, nothing had pulled the output pin high and it must be floating, so an open circuit condition exists for that output. Figure 4. Byte timing with asynchronous reset. Figure 5. Timing diagram. RESET CE SCLK SI #7 #6 #5 #4 #3 #2 #1 #7 #6 #5 #4 #3 #2 #1 #0 NEW RESET FAULTS SO OUTPUTS OLD CE SCLK SI SO OUTS OLD NEW TUD TDIS DI0 TLAG DI7 TH #6 #7 I/FOP TWSCKH TLEAD #0 TWSCKL TSU TV TEN THD D00 D06 D07 TPHL TPLH FAULT-INDUCED TURN/OFF |