전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD136 데이터시트(PDF) 3 Page - Continental Device India Limited

부품명 BD136
상세설명  EPITAXIAL SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD136 데이터시트(HTML) 3 Page - Continental Device India Limited

  BD136 Datasheet HTML 1Page - Continental Device India Limited BD136 Datasheet HTML 2Page - Continental Device India Limited BD136 Datasheet HTML 3Page - Continental Device India Limited BD136 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BD136 BD138
BD140
TO126
Plastic Package
TO-126 Series Packaging Tube
Ø5.9
±0.1 Thru (2 Nos)
Ø3.10
±0.05 Thru (2 Nos)
532.0
±0.5
1.2
0.65
1.0
3.7
Qty: 50 Pcs/Tube
TO-126
Leaded Plastic
Package
D
A
F
C
3
2
1
Pin Configurations
Pin 1: Emitter Pin 2: Collector Pin 3: Base
DIM
Min
Max
A
7.2
8.38
B
0.6
.43
C
2.29
3.04
D
0.64
0.88
E
2.040
2.285
F
0.39
0.63
DIM
Min
Max
G
4.07
5.08
L
5.00
6.63
M
0.89
.65
N
3.3
4.44
P
2.54
3.30
S
—
2.54
Continental Device India Limited
Data Sheet
Page 3 of 4



Html Pages

1 2 3 4