| 전자부품 데이터시트 검색엔진 |
|
ACT4533 데이터시트(PDF) 3 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT4533 데이터시트(HTML) 3 Page - Active-Semi, Inc |
|
3 / 16 page ![]() ACT4533 Rev 1, 25-Feb-13 Innovative Power TM - 3 - www.active-semi.com Copyright © 2013 Active-Semi, Inc. ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE UNIT IN to GND -0.3 to 40 V SW to GND -1 to VIN + 1 V HSB to GND VSW - 0.3 to VSW + 7 V FB, EN, ISET, COMP to GND -0.3 to + 6 V Junction to Ambient Thermal Resistance 46 °C/W Operating Junction Temperature -40 to 150 °C Storage Junction Temperature -55 to 150 °C Lead Temperature (Soldering 10 sec.) 300 °C : Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability. |