전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E-TEA3718DP 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 E-TEA3718DP
상세설명  Stepper motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TEA3718DP 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button E-TEA3718DP Datasheet HTML 13Page - STMicroelectronics E-TEA3718DP Datasheet HTML 14Page - STMicroelectronics E-TEA3718DP Datasheet HTML 15Page - STMicroelectronics E-TEA3718DP Datasheet HTML 16Page - STMicroelectronics E-TEA3718DP Datasheet HTML 17Page - STMicroelectronics E-TEA3718DP Datasheet HTML 18Page - STMicroelectronics E-TEA3718DP Datasheet HTML 19Page - STMicroelectronics E-TEA3718DP Datasheet HTML 20Page - STMicroelectronics E-TEA3718DP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Functional description
17/26
5
Functional description
The circuit is intended to drive a bipolar constant current through one motor winding. The
constant current is generated through switch mode regulation.
There is a choice of three different current levels with the two logic inputs lN0 and lN1. The
current can also be switched off completely.
5.1
Input logic
If any logic input is left open, the circuit treats it as a high-level input.
l
5.2
Phase input
The PHASE input pin determines the direction of current flow in the winding, depending on
the motor connections. The signal is fed through a Schmidt trigger for noise immunity, and
through a time delay in order to guarantee that no short-circuit occurs in the output stage
during phase-shift. A high level on the PHASE input causes the motor current flow from
OUTA through the winding to OUTB.
The lH0 and lH1 input pins select the current level in the motor winding. The values of the
different current levels are determined by the reference voltage VR together with the value of
the sensing resistor RS.
5.3
Current sensor
This part contains a current sensing resistor (RS), a low pass filter (RC, CC) and three
comparators. Only one comparator is active at a time. It is activated by the input logic
according to the current level chosen with signals IN0 and IN1. The motor current flows
through the sensing resistor RS. When the current has increased so that the voltage across
RS becomes higher than the reference voltage on the other comparator input, the
comparator output goes high, which triggers the pulse generator and its output goes high
during a fixed pulse time (toff), thus switching off the power feed to the motor winding, and
causing the motor current to decrease during toff.
Table 8.
Truth table
IN0
IN1
Current level
H
H
No current
L
H
Low current
H
L
Medium current
L
L
Maximum current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com