전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT8810 데이터시트(PDF) 21 Page - Active-Semi, Inc

부품명 ACT8810
상세설명  Eight Channel ActivePathTM Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 데이터시트(HTML) 21 Page - Active-Semi, Inc

Back Button ACT8810_14 Datasheet HTML 17Page - Active-Semi, Inc ACT8810_14 Datasheet HTML 18Page - Active-Semi, Inc ACT8810_14 Datasheet HTML 19Page - Active-Semi, Inc ACT8810_14 Datasheet HTML 20Page - Active-Semi, Inc ACT8810_14 Datasheet HTML 21Page - Active-Semi, Inc ACT8810_14 Datasheet HTML 22Page - Active-Semi, Inc ACT8810_14 Datasheet HTML 23Page - Active-Semi, Inc ACT8810_14 Datasheet HTML 24Page - Active-Semi, Inc ACT8810_14 Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
STEP-DOWN DC/DC CONVERTERS
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 21 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
(ACT8810QJ3EB, VVP3 = 3.6V, L = 3.3µH, CVP3 = 4.7μF, COUT3 = 10μF, TA = 25°C, unless otherwise specified.)
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
OUT3 Regulation Voltage vs. Tempera-
1.812
1.788
Temperature (°C)
-20
-40
0
20
40
60
1.808
1.804
1.800
1.796
1.792
IOUT3 = 35mA
85
VP3 Input Voltage (V)
6.0
0.1
REG3 RDSON vs. VP3 Input Voltage
0.45
0.35
0.25
0.50
0.40
0.30
0.20
0.15
5.0
4.5
4.0
3.5
3.0
PMOS
NMOS
REG3 Efficiency vs. Load Current
1000
Load Current (mA)
80
10
100
VVSYS = 4.2V
VOUT3 = 1.2V
60
40
20
1
0
100
VVSYS = 3.6V
VVSYS = 4.6V
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com