전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4963 데이터시트(PDF) 12 Page - Diodes Incorporated

부품명 AM4963
상세설명  Single Phase Full Wave Direct PWM Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4963 데이터시트(HTML) 12 Page - Diodes Incorporated

Back Button AM4963 Datasheet HTML 8Page - Diodes Incorporated AM4963 Datasheet HTML 9Page - Diodes Incorporated AM4963 Datasheet HTML 10Page - Diodes Incorporated AM4963 Datasheet HTML 11Page - Diodes Incorporated AM4963 Datasheet HTML 12Page - Diodes Incorporated AM4963 Datasheet HTML 13Page - Diodes Incorporated AM4963 Datasheet HTML 14Page - Diodes Incorporated AM4963 Datasheet HTML 15Page - Diodes Incorporated AM4963 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
Single Phase Full Wave Direct PWM Motor Driver
AM4963/AM4963R
Sep. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
12
Typical Application (Note 3, continued)
OUT2
OUT1
VCC
CT
VMIN
RADJ
PWM
HIN-
CF
FG/RD
HIN+
RT
TH
AH921
D1
C1
1 F
R2
VCC
L1
C3
1 F
0.47 F
1
PGND
R3
R4
V+
R5
R6
V+
2
3
4
5
6
7
8
9
10
11
12
13
14
R1
D2
D3
RT
C2
R8
R9
TL
V+
R11
R10
AM4963/AM4963R
Application Circuit for HTSSOP-14 Package
OUT2
OUT1
VCC
CT
VMIN
RADJ
PWM
HIN-
CF
FG/RD
HIN+
RT
TH
D1
C1
1 F
R2
VCC
L1
C3
1 F
0.47 F
2
PGND
R3
R4
V+
R5
R6
V+
3
4
5
6
7
8
9
10
11
12
13
15
16
R1
D2
D3
RT
C2
R8
R9
TL
1
SGND
14
AH921
V+
R11
R10
AM4963/AM4963R
Application Circuit for SSOP-16 Package
Figure 11. Typical Applications of AM4963/AM4963R with AH921 Hall Sensor
Note 3: The package type of AH921 used here is SOT-23-3, if TO-92S-3 is used, please swap the connection of
HIN- and HIN+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16