| 전자부품 데이터시트 검색엔진 |
|
AM4961GS 데이터시트(PDF) 1 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AM4961GS 데이터시트(HTML) 1 Page - Diodes Incorporated |
|
1 / 14 page ![]() SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER AM4961 Data Sheet 1 May. 2011 Rev. 2. 4 BCD Semiconductor Manufacturing Limited General Description The AM4961 is a full wave driver IC with PWM con- trol function. It is used for single phase motor and is capable of speed control by changing output duty cycle. The AM4961 is available in SSOP-16 and HTSSOP- 14 packages. Features · Built-in Hall Bias Circuit · Built-in PWM Speed Control Circuit · Built-in Minimal Speed Setup Circuit · Rotation Speed Indication (FG) · Rotation or Lock State Indication (RD) · Built-in Thermal Shutdown Circuit · Lock Protection · Output Current Limit Application · CPU Cooler Fan in PC · Brushless DC Motor Driver Figure 1. Package Types of AM4961 SSOP-16 HTSSOP-14 |
유사한 부품 번호 - AM4961GS |
|
유사한 설명 - AM4961GS |