전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A864PHC 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 A864PHC
상세설명  Mounting brackets required to meet UL/CSA external mounting requirements.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

A864PHC 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  A864PHC Datasheet HTML 1Page - List of Unclassifed Manufacturers A864PHC Datasheet HTML 2Page - List of Unclassifed Manufacturers A864PHC Datasheet HTML 3Page - List of Unclassifed Manufacturers A864PHC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Spec-00214 E
Polyester POLYPRO™, TYPe 4X
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
NoN-Metallic
2
Standard Product
 
Catalog Number
AxBxC in./mm
Cover
Type
Steel
Panel
Aluminum
Panel
Panel Size
D x E
in./mm
F
in./mm
G
in./mm
H
in./mm
J
in./mm
L
in./mm
M
in./mm
N
in./mm
W
in./mm
A644PHC
6.12 x 4.12 x 4.38
155 x 105 x 111
Solid
A6P4
A6P4AL
4.88 x 2.88
124 x 73
4.32
110
7.38
187
2.56
65
3.91
99
8.15
207
—
—
—
—
5.23
133
A644PHCW
6.12 x 4.12 x 4.38
155 x 105 x 111
Window
A6P4
A6P4AL
4.88 x 2.88
124 x 73
4.32
110
7.38
187
2.56
65
3.91
99
8.15
207
4.25
108
2.25
57
5.23
133
A664PHC
6.12 x 6.12 x 4.38
155 x 155 x 111
Solid
A6P6
A6P6AL
4.88 x 4.88
124 x 124
4.32
110
7.38
187
4.56
116
3.91
99
8.15
207
—
—
—
—
7.23
184
A664PHCW
6.12 x 6.12 x 4.38
155 x 155 x 111
Window
A6P6
A6P6AL
4.88 x 4.88
124 x 124
4.32
110
7.38
187
4.56
116
3.91
99
8.15
207
4.25
108
4.25
108
7.23
184
A864PHC
8.12 x 6.12 x 4.38
206 x 155 x 111
Solid
A8P6
A8P6AL
6.75 x 4.88
171 x 124
4.32
110
9.38
238
4.56
116
3.91
99
10.15
258
—
—
—
—
7.23
184
A864PHCW
8.12 x 6.12 x 4.38
206 x 155 x 111
Window
A8P6
A8P6AL
6.75 x 4.88
171 x 124
4.32
110
9.38
238
4.56
116
3.91
99
10.15
258
6.25
159
4.25
108
7.23
184
A884PHC
8.12 x 8.12 x 4.38
206 x 206 x 111
Solid
A8P8
A8P8AL
6.75 x 6.88
171 x 175
4.32
110
9.38
238
6.56
167
3.91
99
10.15
258
—
—
—
—
9.23
234
A884PHCW
8.12 x 8.12 x 4.38
206 x 206 x 111
Window
A8P8
A8P8AL
6.75 x 6.88
171 x 175
4.32
110
9.38
238
6.56
167
3.91
99
10.15
258
6.25
159
6.25
159
9.23
234
A1084PHC
10.12 x 8.12 x 4.38
257 x 155 x 111
Solid
A10P8
A10P8AL
8.75 x 6.88
222 x 175
4.32
110
11.38
289
6.56
167
3.91
99
12.15
309
—
—
—
—
9.23
234
A1084PHCW
10.12 x 8.12 x 4.38
257 x 155 x 111
Window
A10P8
A10P8AL
8.75 x 6.88
222 x 175
4.32
110
11.38
289
6.56
167
3.91
99
12.15
309
8.25
210
6.25
159
9.23
234
A10106PHC
10.04 x 10.04 x 6.38
255 x 255 x 162
Solid
A10P10
A10P10AL
8.75 x 8.88
222 x 226
6.32
161
11.31
287
8.56
217
5.91
150
12.08
307
—
—
—
—
11.23
285
A10106PHCW
10.04 x 10.04 x 6.38
255 x 255 x 162
Window
A10P10
A10P10AL
8.75 x 8.88
222 x 226
6.32
161
11.31
287
8.56
217
5.91
150
12.08
307
8.25
210
8.25
210
11.23
285
A12106PHC
12.08 x 10.09 x 6.38
307 x 256 x 162
Solid
A12P10
A12P10AL
10.75 x 8.88
273 x 226
6.32
161
13.34
339
8.56
217
5.91
150
14.08
358
—
—
—
—
11.23
285
A12106PHCW
12.08 x 10.09 x 6.38
307 x 256 x 162
Window
A12P10
A12P10AL
10.75 x 8.88
273 x 226
6.32
161
13.34
339
8.56
217
5.91
150
14.08
358
10.25
260
8.25
210
11.23
285
A14128PHC
14.02 x 12.01 x 8.35
356 x 305 x 212
Solid
A14P12
A14P12AL
12.75 x 10.88
324 x 276
8.27
210
15.27
388
10.56
268
7.91
201
16.04
407
—
—
—
—
13.32
338
A14128PHCW
14.02 x 12.01 x 8.35
356 x 305 x 212
Window
A14P12
A14P12AL
12.75 x 10.88
324 x 276
8.27
210
15.27
388
10.56
268
7.91
201
16.04
407
12.25
311
10.25
260
13.32
338
A16148PHC
16.02 x 14.01 x 8.35
407 x 356 x 212
Solid
A16P14
A16P14AL
14.75 x 12.88
375 x 327
8.27
210
17.27
439
12.56
319
7.91
201
18.04
458
—
—
—
—
15.32
389
A16148PHCW
16.02 x 14.01 x 8.35
407 x 356 x 212
Window
A16P14
A16P14AL
14.75 x 12.88
375 x 327
8.27
210
17.27
439
12.56
319
7.91
201
18.04
458
14.25
362
12.25
311
15.32
389
A181610PHC
17.95 x 15.94 x 10.35
456 x 405 x 263
Solid
A18P16
A18P16AL
16.75 x 14.88
425 x 378
10.27
261
19.20
488
14.56
370
9.91
252
19.97
507
—
—
—
—
17.32
440
A181610PHCW
17.95 x 15.94 x 10.35
456 x 405 x 263
Window
A18P16
A18P16AL
16.75 x 14.88
425 x 378
10.27
261
19.20
488
14.56
370
9.91
252
19.97
507
16.25
413
14.25
362
17.32
440
Purchase panels separately. Panels are available in aluminum, mild steel, stainless steel, conductive and composite materials.



Html Pages

1 2 3 4