| 전자부품 데이터시트 검색엔진 |
|
APOLYFT4 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
APOLYFT4 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 4 page ![]() Spec-00214 E Polyester POLYPRO™, TYPe 4X PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM EQUIPMENT PROTECTION SOLUTIONS NoN-Metallic 2 Standard Product Catalog Number AxBxC in./mm Cover Type Steel Panel Aluminum Panel Panel Size D x E in./mm F in./mm G in./mm H in./mm J in./mm L in./mm M in./mm N in./mm W in./mm A644PHC 6.12 x 4.12 x 4.38 155 x 105 x 111 Solid A6P4 A6P4AL 4.88 x 2.88 124 x 73 4.32 110 7.38 187 2.56 65 3.91 99 8.15 207 — — — — 5.23 133 A644PHCW 6.12 x 4.12 x 4.38 155 x 105 x 111 Window A6P4 A6P4AL 4.88 x 2.88 124 x 73 4.32 110 7.38 187 2.56 65 3.91 99 8.15 207 4.25 108 2.25 57 5.23 133 A664PHC 6.12 x 6.12 x 4.38 155 x 155 x 111 Solid A6P6 A6P6AL 4.88 x 4.88 124 x 124 4.32 110 7.38 187 4.56 116 3.91 99 8.15 207 — — — — 7.23 184 A664PHCW 6.12 x 6.12 x 4.38 155 x 155 x 111 Window A6P6 A6P6AL 4.88 x 4.88 124 x 124 4.32 110 7.38 187 4.56 116 3.91 99 8.15 207 4.25 108 4.25 108 7.23 184 A864PHC 8.12 x 6.12 x 4.38 206 x 155 x 111 Solid A8P6 A8P6AL 6.75 x 4.88 171 x 124 4.32 110 9.38 238 4.56 116 3.91 99 10.15 258 — — — — 7.23 184 A864PHCW 8.12 x 6.12 x 4.38 206 x 155 x 111 Window A8P6 A8P6AL 6.75 x 4.88 171 x 124 4.32 110 9.38 238 4.56 116 3.91 99 10.15 258 6.25 159 4.25 108 7.23 184 A884PHC 8.12 x 8.12 x 4.38 206 x 206 x 111 Solid A8P8 A8P8AL 6.75 x 6.88 171 x 175 4.32 110 9.38 238 6.56 167 3.91 99 10.15 258 — — — — 9.23 234 A884PHCW 8.12 x 8.12 x 4.38 206 x 206 x 111 Window A8P8 A8P8AL 6.75 x 6.88 171 x 175 4.32 110 9.38 238 6.56 167 3.91 99 10.15 258 6.25 159 6.25 159 9.23 234 A1084PHC 10.12 x 8.12 x 4.38 257 x 155 x 111 Solid A10P8 A10P8AL 8.75 x 6.88 222 x 175 4.32 110 11.38 289 6.56 167 3.91 99 12.15 309 — — — — 9.23 234 A1084PHCW 10.12 x 8.12 x 4.38 257 x 155 x 111 Window A10P8 A10P8AL 8.75 x 6.88 222 x 175 4.32 110 11.38 289 6.56 167 3.91 99 12.15 309 8.25 210 6.25 159 9.23 234 A10106PHC 10.04 x 10.04 x 6.38 255 x 255 x 162 Solid A10P10 A10P10AL 8.75 x 8.88 222 x 226 6.32 161 11.31 287 8.56 217 5.91 150 12.08 307 — — — — 11.23 285 A10106PHCW 10.04 x 10.04 x 6.38 255 x 255 x 162 Window A10P10 A10P10AL 8.75 x 8.88 222 x 226 6.32 161 11.31 287 8.56 217 5.91 150 12.08 307 8.25 210 8.25 210 11.23 285 A12106PHC 12.08 x 10.09 x 6.38 307 x 256 x 162 Solid A12P10 A12P10AL 10.75 x 8.88 273 x 226 6.32 161 13.34 339 8.56 217 5.91 150 14.08 358 — — — — 11.23 285 A12106PHCW 12.08 x 10.09 x 6.38 307 x 256 x 162 Window A12P10 A12P10AL 10.75 x 8.88 273 x 226 6.32 161 13.34 339 8.56 217 5.91 150 14.08 358 10.25 260 8.25 210 11.23 285 A14128PHC 14.02 x 12.01 x 8.35 356 x 305 x 212 Solid A14P12 A14P12AL 12.75 x 10.88 324 x 276 8.27 210 15.27 388 10.56 268 7.91 201 16.04 407 — — — — 13.32 338 A14128PHCW 14.02 x 12.01 x 8.35 356 x 305 x 212 Window A14P12 A14P12AL 12.75 x 10.88 324 x 276 8.27 210 15.27 388 10.56 268 7.91 201 16.04 407 12.25 311 10.25 260 13.32 338 A16148PHC 16.02 x 14.01 x 8.35 407 x 356 x 212 Solid A16P14 A16P14AL 14.75 x 12.88 375 x 327 8.27 210 17.27 439 12.56 319 7.91 201 18.04 458 — — — — 15.32 389 A16148PHCW 16.02 x 14.01 x 8.35 407 x 356 x 212 Window A16P14 A16P14AL 14.75 x 12.88 375 x 327 8.27 210 17.27 439 12.56 319 7.91 201 18.04 458 14.25 362 12.25 311 15.32 389 A181610PHC 17.95 x 15.94 x 10.35 456 x 405 x 263 Solid A18P16 A18P16AL 16.75 x 14.88 425 x 378 10.27 261 19.20 488 14.56 370 9.91 252 19.97 507 — — — — 17.32 440 A181610PHCW 17.95 x 15.94 x 10.35 456 x 405 x 263 Window A18P16 A18P16AL 16.75 x 14.88 425 x 378 10.27 261 19.20 488 14.56 370 9.91 252 19.97 507 16.25 413 14.25 362 17.32 440 Purchase panels separately. Panels are available in aluminum, mild steel, stainless steel, conductive and composite materials. |