전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF3709ZPBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF3709ZPBF
상세설명  High Frequency Synchronous Buck Converters for Computer Processor Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF3709ZPBF 데이터시트(HTML) 6 Page - International Rectifier

Back Button IRF3709ZPBF Datasheet HTML 2Page - International Rectifier IRF3709ZPBF Datasheet HTML 3Page - International Rectifier IRF3709ZPBF Datasheet HTML 4Page - International Rectifier IRF3709ZPBF Datasheet HTML 5Page - International Rectifier IRF3709ZPBF Datasheet HTML 6Page - International Rectifier IRF3709ZPBF Datasheet HTML 7Page - International Rectifier IRF3709ZPBF Datasheet HTML 8Page - International Rectifier IRF3709ZPBF Datasheet HTML 9Page - International Rectifier IRF3709ZPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
IRF3709Z/S/LPbF
6
www.irf.com
Fig 13. On-Resistance vs. Gate Voltage
Fig 12. On-Resistance vs. Drain Current
Fig 16. Maximum Avalanche Energy
vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
tp
V(BR)DSS
IAS
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
2
3
4
5
6
7
8
9
10
VGS, Gate -to -Source Voltage (V)
0
2
4
6
8
10
12
14
16
ID = 21A
TJ = 25°C
TJ = 125°C
10.0
20.0
30.0
40.0
50.0
60.0
70.0
ID, Drain Current (A)
4.00
5.00
6.00
7.00
8.00
9.00
TJ = 25°C
TJ = 125°C
Vgs = 10V
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
ID
TOP
5.4A
8.0A
BOTTOM 17A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com