| 전자부품 데이터시트 검색엔진 |
|
NFCC-NFHC 데이터시트(PDF) 5 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NFCC-NFHC 데이터시트(HTML) 5 Page - NIC-Components Corp. |
|
5 / 5 page ![]() 5 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Type A B W F E P 1 P 0 φDT 1 T 2 Qty/Reel NFCC04NFHC04 0.65 ±0.10 1.15 ±0.10 8.00 ±0.20 3.50 ±0.05 1.75 ±0.10 2.00 ±0.05 4.00 ±0.05 1.55 ±0.05 0.60 ±0.05 0.70 max. 10,000 Type A +0/-3 B +1/-0 C ±0.20 W ±0.3 Qty NFCC04/NFHC04 180 60 13 9.0 10,000 NFCC06/NFHC06 5,000 NFCC08/NFHC08 NFCC12/NFHC12 CARRIER TAPE DIMENSIONS (mm) REEL DIMENSIONS (mm) AND QUANTITY Type A B W F E P 1 P 0 φDT 1 T 2 Qty/Reel NFCC06/NFHC06 1.15 ±0.15 1.90 ±0.20 8.00 ±0.20 3.50 ±0.05 1.75 ±0.10 4.00 ±0.05 4.00 ±0.05 1.55 ±0.05 0.7 max. 0.8 max. 5,000 NFCC08/NFHC08 1.65 ±0.15 2.50 ±0.20 NFCC12/NFHC12 2.00 ±0.15 3.6 ± 0.20 0.9 max. 1.0 max. B C E D A W φ1.5+0.1/-0.0 4.0 ±0.1 W F A P1 t 2 t 1 B Surface Mount Fuse NFCC & NFHC Series CARRIER TAPE DIMENSIONS (mm) φ1.5+0.1/-0.0 4.0 ±0.1 W F A P1 t 2 t 1 B |