전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS081C100W 데이터시트(PDF) 2 Page - Roithner LaserTechnik GmbH

부품명 AS081C100W
상세설명  High Power Stacked Infrared Laser Diode Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROITHNER [Roithner LaserTechnik GmbH]
홈페이지  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

AS081C100W 데이터시트(HTML) 2 Page - Roithner LaserTechnik GmbH

  AS081C100W Datasheet HTML 1Page - Roithner LaserTechnik GmbH AS081C100W Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20.09.2010
AS081C100W
2 of 2
Package Dimensons
Micro Channel (Unit:mm)
Notes
1. Caution! Don't look at the laser beam directly, because it's harmful to eyes.
2. The storage temperature is between -40 and 85 °C.
3. Under normal circumstances, the higher the temperature is, the shorter the life of
semiconductor laser will be. It is recommended to use lasers under TEC cooling or in air-
conditioned room.
4. To use a laser diode in following sequences: Turn on the power supply; connect to the
laser diode; and then increase the current gradually to the specified operating value. To
shut down the laser diode, please decrease the current to zero gradually, and then turn off
the power. Please make sure that the power supply has no current overshoot at any time.
The current overshoot can damage the laser diodes permanently.
5. The high power laser diode arrays are very sensitive to electrostatic. Please wear anti-
static bracelet during operating with the laser diodes (arrays).
6. Be sure that the operating current does not exceed the specified operating current.
Otherwise, it will accelerate laser aging, shorten lifetime or even damage devices
permanently.
7. A clean, dry and ventilated environment should be available when storing and operating
laser diodes (arrays). Dust may degrade the laser diodes (arrays).
8. Constant-current power supply with voltage regulator should be used to avoid surge.



Html Pages

1 2