| 전자부품 데이터시트 검색엔진 |
|
STM32L151C6U6 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151C6U6 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 131 page ![]() DocID17659 Rev 9 37/131 STM32L151x6/8/B, STM32L152x6/8/B Pin descriptions 47 22 13 H1 M1 9 VDDA S- VDDA - 23 14 G2 L2 10 PA0-WKUP1 I/O FT PA0 WKUP1/USART2_CTS/ADC_IN0/ TIM2_CH1_ETR/COMP1_INP 24 15 H2 M2 11 PA1 I/O FT PA1 USART2_RTS/ADC_IN1/TIM2_CH2/ LCD_SEG0/COMP1_INP 25 16 F3 K3 12 PA2 I/O FT PA2 USART2_TX/ADC_IN2/TIM2_CH3/ TIM9_CH1/LCD_SEG1/COMP1_INP 26 17 G3 L3 13 PA3 I/O TC PA3 USART2_RX/ADC_IN3/TIM2_CH4/ TIM9_CH2/LCD_SEG2/COMP1_INP 27 18 C2 E3 - VSS_4 S- VSS_4 - 28 19 D2 H3 - VDD_4 S- VDD_4 - 29 20 H3 M3 14 PA4 I/O TC PA4 SPI1_NSS/USART2_CK/ ADC_IN4/DAC_OUT1/COMP1_INP 30 21 F4 K4 15 PA5 I/O TC PA5 SPI1_SCK/ADC_IN5/ DAC_OUT2/TIM2_CH1_ETR/COMP1_INP 31 22 G4 L4 16 PA6 I/O FT PA6 SPI1_MISO/ADC_IN6/TIM3_CH1/ LCD_SEG3/TIM10_CH1/COMP1_INP 32 23 H4 M4 17 PA7 I/O FT PA7 SPI1_MOSI/ADC_IN7/TIM3_CH2/ LCD_SEG4/TIM11_CH1/COMP1_INP 33 24 H5 K5 - PC4 I/O FT PC4 ADC_IN14/LCD_SEG22/COMP1_INP 34 25 H6 L5 - PC5 I/O FT PC5 ADC_IN15/LCD_SEG23/COMP1_INP 35 26 F5 M5 18 PB0 I/O TC PB0 ADC_IN8/TIM3_CH3/LCD_SEG5/ COMP1_INP/VREF_OUT 36 27 G5 M6 19 PB1 I/O FT PB1 ADC_IN9/TIM3_CH4/LCD_SEG6/ COMP1_INP/VREF_OUT 37 28 G6 L6 20 PB2 I/O FT PB2/BOOT1 - 38 - - M7 - PE7 I/O TC PE7 ADC_IN22/COMP1_INP 39 - - L7 - PE8 I/O TC PE8 ADC_IN23/COMP1_INP 40 - - M8 - PE9 I/O TC PE9 ADC_IN24/TIM2_CH1_ETR/COMP1_INP Table 8. STM32L15xxx pin definitions (continued) Pins Pin name Main function(2) (after reset) Alternate functions |