전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMP008P104 데이터시트(PDF) 27 Page - List of Unclassifed Manufacturers

부품명 FMP008P104
상세설명  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FMP008P104 데이터시트(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button FMP008P104 Datasheet HTML 23Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 24Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 25Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 26Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 27Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 28Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 29Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 30Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN - MAßE IN MILLIMETER (INCHES IN KLAMMERN)
52
ML 12/2008
A1
0.1
0.1
0.118
3
1 0.039
A1
A2
0.1
0.1
0.039
1
0.118
3
1
A1
2
3
4
0.1
0.1
0.039
1
0.118
3
A1
A2
A3
0.1
0.1
3 0.118
1 0.039
A1
1
2
A2
3
5
0.1
0.1
3 0.118
1 0.039
7
10
1
A1
6
0.1
0.1
0.118
3
0.039
1
PCB Hole Pattern for Connectors with Right Angled PCB Terminations
Leiterplattenlochbild für Steckverbinder mit abgewinkeltem Leiterplattenanschluss
All PCB hole patterns apply to male connectors with right angle PCB contacts (signal contacts P5) and the metal bracket F1080-13B as well as the
coaxial contacts FME008P... or FME001P... (When using female connectors the hole pattern must be mirrored on the Y-axis).
Measurements without tolerances are in accordance with DIN ISO 2768 m.
Alle Lochbilder gelten für Stiftsteckverbinder mit abgewinkeltem Leiterplattenanschluss (Signalkontakte P5) und Metallwinkel F1080–13B sowie
eingebauten Koaxialkontakten FME008P... bzw. FME001P... (bei Verwendung von Buchsensteckverbindern muss das Lochbild an der Y-Achse
gespiegelt werden).
Maße ohne Toleranzangabe nach DIN ISO 2768 m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39