전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESAC87M-009 데이터시트(PDF) 2 Page - Fuji Electric

부품명 ESAC87M-009
상세설명  SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ESAC87M-009 데이터시트(HTML) 2 Page - Fuji Electric

  ESAC87M-009 Datasheet HTML 1Page - Fuji Electric ESAC87M-009 Datasheet HTML 2Page - Fuji Electric ESAC87M-009 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESAC87M-009 (16A)
(90V / 16A )
Characteristics
Forward characteristics
VF [V]
IF
[A]
Reverse characteristics
VR [V]
IR
[mA]
Reverse power dissipation
WR
[W]
VR [V]
Tc
[°C ]
Io [A]
Output current-case temperature
WF
[W]
Io [A]
Forward power dissipation
Junction capacitance characteristics
Cj
[pF]
VR [V]
0
2
4
6
8
10
3
5
10
30
50
100
10
8
6
4
2
0
50
30
10
5
3
1
0.5
0.3
0.1
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
30
10
5
3
1
0.5
0.3
0.1
0.05
0.03
0.01
0
20
40
60
80
100 120
140
4.0
3.0
2.0
1.0
0
0
20
40
60
80
100
150
100
50
0
1000
500
300
100
50
30
0
4
8
12
16
20
24
28



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com