전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3691 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3691
상세설명  High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3691 데이터시트(HTML) 2 Page - Texas Instruments

  LM3691 Datasheet HTML 1Page - Texas Instruments LM3691 Datasheet HTML 2Page - Texas Instruments LM3691 Datasheet HTML 3Page - Texas Instruments LM3691 Datasheet HTML 4Page - Texas Instruments LM3691 Datasheet HTML 5Page - Texas Instruments LM3691 Datasheet HTML 6Page - Texas Instruments LM3691 Datasheet HTML 7Page - Texas Instruments LM3691 Datasheet HTML 8Page - Texas Instruments LM3691 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LM3691
SNVS506H – MAY 2008 – REVISED SEPTEMBER 2011
www.ti.com
Connection Diagram
Figure 3. 6-Bump Thin DSBGA Package, Large Bump
See Package Number YZR0006LCA
PIN DESCRIPTIONS
Pin DSBGA
Name
Description
Enable pin. The device is in shutdown mode when voltage to this pin is <0.4V and enabled when
A1
EN
>1.2V.
Do not leave this pin floating.
Mode Pin: Mode = 1, Forced PWM
B1
MODE
Mode = 0, ECO
Do not leave this pin floating.
C1
FB
Feedback analog input. Connect directly to the output filter capacitor. (Figure 1)
A2
VIN
Power supply input. Connect to the input filter capacitor. (Figure 1)
B2
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
C2
GND
Ground pin.
Absolute Maximum Ratings
(1) (2)
VIN Pin to GND
−0.2V to 6.0V
EN, MODE, FB, SW pins
(GND
−0.2V) to
VIN + 0.2V
Junction Temperature (TJ-MAX)
+150°C
Storage Temperature Range
−65°C to +150°C
Continuous Power Dissipation (3)
Internally Limited
Maximum Lead Temperature
260°C
(Soldering, 10 sec.)
ESD Rating (4)
Human Body Model
2 kV
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 130°C (typ.).
(4)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
2
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com