전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM5113 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 LM5113
상세설명  5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM5113 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM5113 Datasheet HTML 7Page - Texas Instruments LM5113 Datasheet HTML 8Page - Texas Instruments LM5113 Datasheet HTML 9Page - Texas Instruments LM5113 Datasheet HTML 10Page - Texas Instruments LM5113 Datasheet HTML 11Page - Texas Instruments LM5113 Datasheet HTML 12Page - Texas Instruments LM5113 Datasheet HTML 13Page - Texas Instruments LM5113 Datasheet HTML 14Page - Texas Instruments LM5113 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM5113
www.ti.com
SNVS725E – JUNE 2011 – REVISED JANUARY 2012
Figure 16. LO&HO Gate Drive — High/Low Level Output Voltage
vs Temperature
Figure 17. HB Regulation Voltage
vs
Temperature
Unless otherwise specified, VDD = VHB = 5V, VSS = VHS = 0V.
Detailed Operating Description
The LM5113 is designed to drive both the high-side and the low-side enhancement mode Gallium Nitride FETs in
a synchronous buck or a half-bridge configuration. The outputs of the LM5113 are independently controlled with
TTL input thresholds. The inputs of the LM5113 can withstand voltages up to 14V regardless of the VDD voltage,
and can be directly connected to the outputs of PWM controllers.
The high side driver uses the floating bootstrap capacitor voltage to drive the high-side FET. As shown in
Figure 1, the bootstrap capacitor is recharged through an internal bootstrap diode each cycle when the HS pin is
pulled below the VDD voltage. For inductive load applications the HS node will fall to a negative potential,
clamped by the low side FET.
Due to the intrinsic feature of enhancement mode GaN FETs the source-to-drain voltage, when the gate is pulled
low, is usually higher than a diode forward voltage drop. This can lead to an excessive bootstrap voltage that can
damage the high-side GaN FET. The LM5113 solves this problem with an internal clamping circuit that prevents
the bootstrap voltage from exceeding 5.2V typical.
The output pull-down and pull-up resistance of LM5113 is optimized for enhancement mode GaN FETs to
achieve high frequency, efficient operation. The 0.6
Ω pull-down resistance provides a robust low impedance turn-
off path necessary to eliminate undesired turn-on induced by high dv/dt or high di/dt. The 2.1
Ω pull-up resistance
helps reduce the ringing and over-shoot of the switch node voltage. The split outputs of the LM5113 offer
flexibility to adjust the turn-on and turn-off speed by independently adding additional impedance in either the turn-
on path and/or the turn-off path.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com