전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F00087B 데이터시트(PDF) 1 Page - Solid States Devices, Inc

부품명 F00087B
상세설명  POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSDI [Solid States Devices, Inc]
홈페이지  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00087B 데이터시트(HTML) 1 Page - Solid States Devices, Inc

  F00087B Datasheet HTML 1Page - Solid States Devices, Inc F00087B Datasheet HTML 2Page - Solid States Devices, Inc F00087B Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00087B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFF440 ___ ____
│
│
│
│
│
└
└
Screening2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package3/
J = TO-257
SFF440J
8 AMP
N-Channel
Power MOSFET
500 Volts
0.86 Ω
Features:
Rugged construction with polysilicon gate
Low RDS(on) and high transconductance
Excellent high temperature stability
Very fast switching speed
Fast recovery and superior dv/dt performance
Increased reverse energy capability
Low input and transfer capacitance for easy
paralleling
Hermetically sealed package
Low inductance leads
TX, TXV, S-Level screening available
Replaces: IRF440 types
Maximum Ratings
Symbol
Value
Units
Drain - Source Voltage
VDS
500
V
Gate - Source Voltage
VGS
±20
V
Max. Continuous Drain Current (package
limited) @ 25ºC
ID
6.9
A
Operating & Storage Temperature
TOP & TSTG
-55 to +150
ºC
Maximum Thermal Resistance
(Junction to Case)
RθJC
2
ºC/W
Total Power Dissipation
@ TC = 25ºC
@ TC = 55ºC
PD
63
48
W
NOTES:
TO-257
*Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%.
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Maximum current limited by package configuration
4/ Unless otherwise specified, all electrical characteristics @25
oC.


유사한 부품 번호 - F00087B

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
F00087B SSDI-F00087B Datasheet
141Kb / 3P
N-Channel POWER MOSFET
F00087B SSDI-F00087B_15 Datasheet
141Kb / 3P
N-Channel POWER MOSFET
More results

유사한 설명 - F00087B

제조업체부품명데이터시트상세설명
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com