전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NLV25T-R68J-PF 데이터시트(PDF) 11 Page - TDK Electronics

부품명 NLV25T-R68J-PF
상세설명  Inductors for Standard Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo TDK - TDK Electronics

NLV25T-R68J-PF 데이터시트(HTML) 11 Page - TDK Electronics

Back Button NLV25T-R68J-PF Datasheet HTML 6Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 7Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 8Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 9Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 10Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 11Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 12Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 13Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
(11/13)
INDUC
T
O
RS
001-01 / 20140220 / inductor_commercial_standard_nl_en.fm
• All specifications are subject to change without notice.
NL series 
NL565050Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.001
0.01
0.1
1
10
1
100000
100
1000
10000
100000
10
Frequency(MHz)
103J
472J
682J
562J
332J
272J
222J
182J
152J
122J
822J
392J
Product No.
Manufacturer
4294A
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com