전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NLV32T-R68J-PF 데이터시트(PDF) 7 Page - TDK Electronics

부품명 NLV32T-R68J-PF
상세설명  Inductors for Standard Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-R68J-PF 데이터시트(HTML) 7 Page - TDK Electronics

Back Button NLV32T-R68J-PF Datasheet HTML 3Page - TDK Electronics NLV32T-R68J-PF Datasheet HTML 4Page - TDK Electronics NLV32T-R68J-PF Datasheet HTML 5Page - TDK Electronics NLV32T-R68J-PF Datasheet HTML 6Page - TDK Electronics NLV32T-R68J-PF Datasheet HTML 7Page - TDK Electronics NLV32T-R68J-PF Datasheet HTML 8Page - TDK Electronics NLV32T-R68J-PF Datasheet HTML 9Page - TDK Electronics NLV32T-R68J-PF Datasheet HTML 10Page - TDK Electronics NLV32T-R68J-PF Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
(7/13)
INDUC
T
O
RS
001-01 / 20140220 / inductor_commercial_standard_nl_en.fm
• All specifications are subject to change without notice.
NL series 
NL453232 Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.01
0.1
1.0
100
10
1000
0.1
100000
100
1000
10000
1
10
Frequency(MHz)
102J
821J
681J
561J
391J
221J
181J
471J
331J
271J
151J
820J
680J
390J
270J
101J
121J
560J
470J
330J
220J
120J
100J
6R8J
5R6J
4R7J
3R9J
180J
150J
3R3J
2R7J
2R2J
1R8J
1R5J
1R2J
1R0J
8R2J
Product No.
Manufacturer
4294A
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com