| 전자부품 데이터시트 검색엔진 |
|
BU2525AX 데이터시트(PDF) 2 Page - Savantic, Inc. |
|
|
|||||||||||||||||||||||||||||
BU2525AX 데이터시트(HTML) 2 Page - Savantic, Inc. |
|
2 / 3 page ![]() SavantIC Semiconductor Product Specification 2 Silicon NPN Power Transistors BU2525AX CHARACTERISTICS Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT VCEO(SUS) Collector-emitter sustaining voltage IC=100mA ;IB=0,L=25mH 800 V V(BR)EBO Emitter-base breakdown voltage IE=1mA ;IC=0 7.5 13.5 V VCEsat Collector-emitter saturation voltage IC=8A ;IB=1.6 A 5.0 V VBEsat Base-emitter saturation voltage IC=8A ;IB=1.6 A 1.1 V ICES Collector cut-off current VCE=BVCES; VBE=0 Tj=125 1.0 2.0 mA IEBO Emitter cut-off current VEB=7.5V; IC=0 1.0 mA hFE-1 DC current gain IC=0.1A ; VCE=5V 13 hFE-2 DC current gain IC=8A ; VCE=5V 5 7 9.5 CC Collector capacitance VCB=10V;IE=0;f=1.0MHz 145 pF |