전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAR-C4CL-40000-M02-R 데이터시트(PDF) 5 Page - fujitsu semiconductor

부품명 FAR-C4CL-40000-M02-R
상세설명  Piezoelectric Resonator (24 to 40 MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

FAR-C4CL-40000-M02-R 데이터시트(HTML) 5 Page - fujitsu semiconductor

  FAR-C4CL-40000-M02-R Datasheet HTML 1Page - fujitsu semiconductor FAR-C4CL-40000-M02-R Datasheet HTML 2Page - fujitsu semiconductor FAR-C4CL-40000-M02-R Datasheet HTML 3Page - fujitsu semiconductor FAR-C4CL-40000-M02-R Datasheet HTML 4Page - fujitsu semiconductor FAR-C4CL-40000-M02-R Datasheet HTML 5Page - fujitsu semiconductor FAR-C4CL-40000-M02-R Datasheet HTML 6Page - fujitsu semiconductor FAR-C4CL-40000-M02-R Datasheet HTML 7Page - fujitsu semiconductor FAR-C4CL-40000-M02-R Datasheet HTML 8Page - fujitsu semiconductor FAR-C4CL-40000-M02-R Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FAR Family (C4 series L type)
(8) User-specific Special Symbols
(9) Resonant Resistance
Specification
Description
Name
No specifications, no taping specification
—
No specifications, with taping specification
A to Z
Serial number for custom design
Specification
Description
R
12 mm wide tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com