| 전자부품 데이터시트 검색엔진 |
|
NET-READY141 데이터시트(PDF) 3 Page - OPLINK Communications Inc. |
|
|
|||||||||||||||||||||||||||||
NET-READY141 데이터시트(HTML) 3 Page - OPLINK Communications Inc. |
|
3 / 3 page ![]() 1:1 Net-Ready Platform Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules 1:1 NET-Ready Optical Protection Switch S**** - R01. 2011.07.01 Application Example Ordering Information Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM design team or account manager for your requirements and ordering information (510) 933-7200. Protection Switch Card Protection Switch Card Protection Line (Secondary) Working Line (Primary) 2x2 Switch 2x2 Switch Low priority tra c Protection Switch Card Protection Switch Card Protection Line (Secondary) Working Line (Primary) Protection Line (Secondary) 1x2 Switch 1x2 Switch 1x2 Switch 1x2 Switch Protection Switch Card Protection Switch Card Protection Line (Secondary) Working Line (Primary) 2x2 Switch 2x2 Switch 2x2 Switch 2x2 Switch Low priority tra c Bi-directional (1:1) protection using bi-directional 2x2 switch Uni-directional tap monitors designed to monitor the only the in-coming power to detect failure such as fiber cut Designed to work for bi-directional communication using the same wavelength (duplex working) or different wave- length (diplex working) (1:1) point-to-point dedicated protection 1x2 optical latching switch is used as the switch to route the optical path Photodiodes monitor the signals from both path Signaling channel is needed to realize auto-revertive function (1:1) point-to-point dedicated protection or O-BLSR ring protection 2x2 optical latching switch is used as the switch to route the optical path Protection line is used for low priority traffic. Low priority traffic is interrupted during failure Photodiodes monitor the signals from both path External signaling channel is needed to trigger transmitter end switching and auto-reveritve function (1:1) Protection using 1x2 switches (1:1) Protection using 2x2 switches Bi-directional (1:1) Protection |