전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPDQR3V3R-HF 데이터시트(PDF) 2 Page - Comchip Technology

부품명 CPDQR3V3R-HF
상세설명  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQR3V3R-HF 데이터시트(HTML) 2 Page - Comchip Technology

  CPDQR3V3R-HF Datasheet HTML 1Page - Comchip Technology CPDQR3V3R-HF Datasheet HTML 2Page - Comchip Technology CPDQR3V3R-HF Datasheet HTML 3Page - Comchip Technology CPDQR3V3R-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig. 4 - Power rating derating curve
Ambient temperature, ( °C )
20
40
60
80
100
Mounting on glass epoxy PCBs
Fig. 2 - Capacitance between
terminals characteristics
Reverse voltage, (V)
11
13
15
17
21
0
1
2
3
4
Fig.3 - Clamping voltage vs.
peak pulse current
Peak pulse current, (A)
12
1
15
14
13
2
19
0
0
25
50
100
150
75
125
SMD ESD Protection Diode
Comchip
S M D D i o d e S p e c i a l i s t
Page 2
Comchip Technology CO., LTD.
REV: A
QW-G7044
RATING AND CHARACTERISTIC CURVES (CPDQR3V3R-HF)
0
3
110
Waveform
Parameters:
tr=8us
td=20us
16
17
18
19
form acc. IEC 61000-4-5
wave
Fig. 1 - 8/20us Peak pulse current
Time, (us)
0%
20%
40%
60%
80%
100%
0
5
15
25
30
10
20
120%
e-t
td= t Ipp/2
Ta=25°C
Peak Valur Ipp
Test Waveform
parameters
tf=8us
td=20us



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com