전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EB-591LF 데이터시트(PDF) 2 Page - Protech Systems Co., Ltd.

부품명 EB-591LF
상세설명  3.5" SBC supports Intel Atom?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
홈페이지  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

EB-591LF 데이터시트(HTML) 2 Page - Protech Systems Co., Ltd.

  EB-591LF Datasheet HTML 1Page - Protech Systems Co., Ltd. EB-591LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.5" SBC supports Intel® Atom™ E680/680T/640/620
CPU with LVDS/ Audio/ 4 COM/ 2LAN
EB-591LF
EB-591LF
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Dec. 2012.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Dec. 2012.
COM 1
USB Connector
Mini PCI-E
LVDS Connector
Inverter Connector
SATA Connector
SDIO
CAN BOS
DIO
SDVO
Power Connector
LAN Connector
Audio
Specifications
CPU Support
Intel® Atom™ E680/E680T/E640/E620 Processor
CPU Frequency
600MHz~1.6GHz
Chipset
Intel® EG20T
DRAM
DDR2 on board, support 667/800MHz up to 2GB
BIOS
AMI uEFI, with VGA BIOS
Watchdog
1~255 secs Watchdog timer selectable
Power Supply
Support ATX / AT Power
Power Requirement
+12V
Power Consumption
+12V : 1A
Dimension
Certificate
102mm x 145mm (4.02" x 5.71")
FCC / CE
SATA Interface
1 x S-ATA II connector
SSD
Micro-SD Card
Expansion BUS
1 x mini-PCIe, CAN Bus
Serial Port
4 x COM port, COM 3 for RS-232/422/485(D-SUB)
COM 4/5/6 for RS-232, only provide Rx/Tx signal
LAN
LAN 1/2: Intel® 82574L (10/100/1000 Mbps)
for Wide Temp: Intel® 82574IT (10/100/1000 Mbps)
Support Wake-on-LAN with ATX power
High Definition Audio; Realtek ALC888S with
Mic / Line-In / Line-Out Wide Temp SKU w/o support.
Audio
DI/O
4 in / 4 out
USB
4 x USB 2.0
1 x mini USB
Graphics
Build-in Intel® Atom™; Supports LVDS (18bit &
24bit), SDVO
LCD Interface
24 bit LVDS
Operation Temp.
WTG: -40° ~ 85° C ( -40° ~ 185° F );
Others: 0° ~ 60° C ( 32° ~ 140° F )
Storage Temp.
- 40° ~ 85° C ( - 40° ~ 185° F )
Humidity
Operation humidity 20 ~ 90%,
storage humidity 20 ~ 95%
BE-0591RA-85P
3.5" embedded board w/1.6GHz /1GB /LVDS /
Audio /4COM /2LAN (GbE)
BE-0591RA-08P
3.5" embedded board w/1.0GHz /1GB /LVDS /
Audio /4COM /2LAN (GbE)
BE-0591RA-68P
3.5" embedded board w/600MHz /512MB /LVDS /
Audio /4COM /LAN (GbE)
BE-0591RA-A7P
3.5" embedded board w/1.0GHz /1GB /LVDS /
4COM /2LAN (GbE) /WT; w/o Audio



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com