전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM0024 데이터시트(PDF) 1 Page - Solid States Devices, Inc

부품명 PM0024
상세설명  POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSDI [Solid States Devices, Inc]
홈페이지  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0024 데이터시트(HTML) 1 Page - Solid States Devices, Inc

  PM0024 Datasheet HTML 1Page - Solid States Devices, Inc PM0024 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0024B
DOC
SPMS506-01A Series
150 AMP DISCHARGE
60 AMP CHARGE
BATTERY BYPASS
POWER MODULE
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPMS506-
__ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Thread Type
01A = Inch, Male
01AF = Inch, Female
01AM = Metric, Male
01AFM = Metric, Female
FEATURES:
Space Flight Proven Heritage
High Charge/Discharge Current
Low Forward Discharge Voltage (VFD)
Guaranteed Minimum Charge Voltage (VFC)
Compact and Rugged Construction Offering Weight and
Space Savings
Very Low Mechanical Stress and Thermal Resistance
Hermetic Sealed Discrete Elements
Excellent Thermal Management
Available with Male or Female and Inch or Metric
Terminals
TX, TXV, and Space Level Screening Available
ASPM
ELECTRICAL SCHEMATIC
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability Contact Factory.
2/
Screening per MIL-PRF-19500.
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
VALUE
UNIT
Discharge Current (Schottkys)
ID
150
Amps
Charge Current (Rectifiers)
IC
60
Amps
Discharge Surge Current (Non-Repetitive, t = 8.3 msec Pulse)
IDP
750
Amps
Storage & Operating Temperature Range
TOP & TSTG
-65 to +150
°C
Thermal Resistance, Junction to Base
Discharging Leg
Charging Leg
θJBd
θJBc
0.75
0.45
°C/W


유사한 부품 번호 - PM0024

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
PM0024 SSDI-PM0024_15 Datasheet
132Kb / 2P
POWER MODULE
More results

유사한 설명 - PM0024

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SLN10A-5SA BOURNS-SLN10A-5SA Datasheet
246Kb / 2P
Power Module
M20W BOURNS-M20W Datasheet
183Kb / 2P
Power Module
logo
Toshiba Semiconductor
MP7003 TOSHIBA-MP7003 Datasheet
157Kb / 7P
Power Module
logo
Solid States Devices, I...
PM0004 SSDI-PM0004 Datasheet
63Kb / 2P
POWER MODULE
PM0017 SSDI-PM0017_15 Datasheet
51Kb / 2P
POWER MODULE
logo
Bi technologies
7721-1A BITECH-7721-1A Datasheet
93Kb / 5P
Power Module
logo
Insel Rectifier India P...
IRKT500 IRI-IRKT500 Datasheet
1Mb / 5P
POWER MODULE
IRKT330 IRI-IRKT330 Datasheet
1Mb / 5P
POWER MODULE
IRKT130 IRI-IRKT130 Datasheet
1Mb / 5P
POWER MODULE
IRKD40 IRI-IRKD40 Datasheet
2Mb / 4P
POWER MODULE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com