전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE7232GS 데이터시트(PDF) 20 Page - Infineon Technologies AG

부품명 TLE7232GS
상세설명  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232GS 데이터시트(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7232GS Datasheet HTML 16Page - Infineon Technologies AG TLE7232GS Datasheet HTML 17Page - Infineon Technologies AG TLE7232GS Datasheet HTML 18Page - Infineon Technologies AG TLE7232GS Datasheet HTML 19Page - Infineon Technologies AG TLE7232GS Datasheet HTML 20Page - Infineon Technologies AG TLE7232GS Datasheet HTML 21Page - Infineon Technologies AG TLE7232GS Datasheet HTML 22Page - Infineon Technologies AG TLE7232GS Datasheet HTML 23Page - Infineon Technologies AG TLE7232GS Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
OUTn
IDS(PD)
SGn
VDD
V
DS(SG)
IDS(SG)
diagnosis .emf
protective functions
CLn
Tn
OR
SPI
MUX
00
01
10
OLn
VDS(OL)
CHn
OUTn
STA.
gate control
Pn
GND
SPI Driver for Enhanced Relay Control
SPIDER - TLE7232GS
Block Description and Electrical Characteristics
Data Sheet
20
Rev. 1.0, 2007-12-18
5.3
Diagnostic Features
The SPI of SPIDER - TLE7232GS provides diagnosis information about the device and about the load. There are
following diagnosis flags implemented:
•
The diagnosis information of the protective functions (flags CLn and Tn) of channel n is latched in the diagnosis
flag Pn.
•
The open load diagnosis of channel n is latched in the diagnosis flag OLn.
•
The short to GND monitor information of channel n is latched in the diagnosis flag SGn.
All flags are cleared after a successful SPI transmission.
There is an output state monitor implemented in the device that indicates the switch state of the device in register
STA. Depending on the voltage level at input pin and protective functions the bits are high or low.
Please see Figure 9 for details:
Figure 9
Block Diagram Diagnosis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32