전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFSL4010PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFSL4010PBF
상세설명  High Efficiency Synchronous Rectification in SMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFSL4010PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFSL4010PBF Datasheet HTML 1Page - International Rectifier IRFSL4010PBF Datasheet HTML 2Page - International Rectifier IRFSL4010PBF Datasheet HTML 3Page - International Rectifier IRFSL4010PBF Datasheet HTML 4Page - International Rectifier IRFSL4010PBF Datasheet HTML 5Page - International Rectifier IRFSL4010PBF Datasheet HTML 6Page - International Rectifier IRFSL4010PBF Datasheet HTML 7Page - International Rectifier IRFSL4010PBF Datasheet HTML 8Page - International Rectifier IRFSL4010PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
07/07/11
www.irf.com
1
HEXFET® Power MOSFET
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
Applications
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
S
D
G
PD - 96186A
IRFS4010PbF
IRFSL4010PbF
GD
S
Gate
Drain
Source
D
S
G
D2Pak
IRFS4010PbF
S
D
G
D
TO-262
IRFSL4010PbF
VDSS
100V
RDS(on) typ.
3.9m
:
max.
4.7m
:
ID
180A
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
e
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy d
mJ
IAR
Avalanche Current c
A
EAR
Repetitive Avalanche Energy f
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
jk
–––
0.40
RθJA
Junction-to-Ambient (PCB Mount) i
–––
40
Max.
180
127
720
375
31
-55 to + 175
± 20
2.5
°C/W
°C
318
See Fig. 14, 15, 22a, 22b,
300


유사한 부품 번호 - IRFSL4010PBF

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFSL4020PBF ISC-IRFSL4020PBF Datasheet
288Kb / 2P
Isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFSL4010PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF_15 Datasheet
367Kb / 9P
High Efficiency Synchronous Rectification in SMPS
IRFP3306PBF IRF-IRFP3306PBF_15 Datasheet
301Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFP4004PBF IRF-IRFP4004PBF_15 Datasheet
300Kb / 8P
High Efficiency Synchronous Rectification in SMPS
logo
Infineon Technologies A...
IRFP4768PBF INFINEON-IRFP4768PBF Datasheet
476Kb / 9P
High Efficiency Synchronous Rectification in SMPS
2016-12-12
IRFP4568PBP INFINEON-IRFP4568PBP Datasheet
325Kb / 8P
High Efficiency Synchronous Rectification in SMPS
09/08/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com