전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RC0106B 데이터시트(PDF) 1 Page - Solid States Devices, Inc

부품명 RC0106B
상세설명  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSDI [Solid States Devices, Inc]
홈페이지  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0106B 데이터시트(HTML) 1 Page - Solid States Devices, Inc

  RC0106B Datasheet HTML 1Page - Solid States Devices, Inc RC0106B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└ Voltage/Family
5415 = 50V
5416 = 100V
5417 = 200V
5418 = 400V
5419 = 500V
5420 = 600V
SPD5415 thru SPD5420
and
SPD5415SMS thru SPD5420SMS
3 AMPS
50 ─ 600 VOLTS
150 – 400 nsec FAST RECOVERY
RECTIFIER
FEATURES:
•
Fast Reverse Recovery (Faster Versions Available)
•
PIV to 600 Volts (Higher Voltages Available)
•
Hermetically Sealed
•
Controlled Avalanche
•
Low Thermal Resistance
•
High Surge Capability
•
Available in Axial & Square Tab Versions
•
Metallurgically Bonded
•
TX, TXV, and S-Level Screening Available
2/
• Replacement for: 1N 5415, US thru 1N5420, US
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
SPD5415
SPD5416
SPD5417
SPD5418
SPD5419
SPD5420
VRRM
VRWM
VR
50
100
200
400
500
600
Volts
Average Rectified Forward Current 4/
TA = 55°C
TA = 100°C
IO
3
2
Amps
Peak Surge Current
(10 surges of 8.3 msec each at 1 minute intervals superimposed on IO = 0, VRSM = 0, TA = 100°C)
IFSM
80
Amps
Operating & Storage Temperature
TJ and
TSTG
-65 to +175
°
C
Thermal Resistance
Junction to Lead for Axial, L =.375"
Junction to End Tab for Surface Mount
RθJL
RθJEC
20
10
°
C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ These ratings are typical for PC boards where thermal resistance from mounting point
to ambient is sufficiently controlled where TJ(MAX) is not exceeded.
For 3.0 Amps at TA = 55°C, derate linearly at 22 mA for 55°C ≤ TA ≤ 100°C.
For 2.0 Amps at TA = 100°C, derate linearly at 25 mA for 100°C ≤ TA ≤ 175°C.
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0106B
DOC


유사한 부품 번호 - RC0106B

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
RC0106B SSDI-RC0106B_15 Datasheet
216Kb / 2P
FAST RECOVERY RECTIFIER
More results

유사한 설명 - RC0106B

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com