| 전자부품 데이터시트 검색엔진 |
|
MB89174LPF 데이터시트(PDF) 16 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB89174LPF 데이터시트(HTML) 16 Page - fujitsu semiconductor |
|
16 / 50 page ![]() 16 MB89170/170A/170L Series 7. Setting OTPROM Options (MB89P175A Only) The programming procedure is the same as that for the PROM. Options can be set by programming values at the addresses shown on the memory map. The relationship between bits and options is shown on the following bit map: • OTPROM option bit map Note: Each bit is set to ‘1’ as the initialized value, therefore the pull-up option is selected. Addre ss Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 3FF0H Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Clock mode select 1: 1 clock 0: 2 clocks Reset pin output 1: Yes 0: No Power-on reset 1: Yes 0: No Oscillation stabilization time 00 23/FCH 10 216/FCH 01 212/FCH 11 218/FCH 3FF1H P07 Pull-up 1: Yes 0: No P06 Pull-up 1: Yes 0: No P05 Pull-up 1: Yes 0: No P04 Pull-up 1: Yes 0: No P03 Pull-up 1: Yes 0: No P02 Pull-up 1: Yes 0: No P01 Pull-up 1: Yes 0: No P00 Pull-up 1: Yes 0: No 3FF2H P17 Pull-up 1: Yes 0: No P16 Pull-up 1: Yes 0: No P15 Pull-up 1: Yes 0: No P14 Pull-up 1: Yes 0: No P13 Pull-up 1: Yes 0: No P12 Pull-up 1: Yes 0: No P11 Pull-up 1: Yes 0: No P10 Pull-up 1: Yes 0: No 3FF3H P37 Pull-up 1: Yes 0: No P36 Pull-up 1: Yes 0: No P35 Pull-up 1: Yes 0: No P34 Pull-up 1: Yes 0: No P33 Pull-up 1: Yes 0: No P32 Pull-up 1: Yes 0: No P31 Pull-up 1: Yes 0: No P30 Pull-up 1: Yes 0: No 3FF4H Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable 3FF5H Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable 3FF6H Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable |