| 전자부품 데이터시트 검색엔진 |
|
MB89821 데이터시트(PDF) 39 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB89821 데이터시트(HTML) 39 Page - fujitsu semiconductor |
|
39 / 43 page ![]() 39 MB89820 Series (Continued) Table 4 Branch Instructions (17 instructions) Table 5 Other Instructions (9 instructions) Mnemonic ~ # Operation TL TH AH N Z V C OP code AND A,@EP AND A,@IX +off AND A,Ri OR A OR A,#d8 OR A,dir OR A,@EP OR A,@IX +off OR A,Ri CMP dir,#d8 CMP @EP,#d8 CMP @IX +off,#d8 CMP Ri,#d8 INCW SP DECW SP 3 4 3 2 2 3 3 4 3 5 4 5 4 3 3 1 2 1 1 2 2 1 2 1 3 2 3 2 1 1 (A) ← (AL) ∧ ( (EP) ) (A) ← (AL) ∧ ( (IX) +off) (A) ← (AL) ∧ (Ri) (A) ← (AL) ∨ (TL) (A) ← (AL) ∨ d8 (A) ← (AL) ∨ (dir) (A) ← (AL) ∨ ( (EP) ) (A) ← (AL) ∨ ( (IX) +off) (A) ← (AL) ∨ (Ri) (dir) – d8 ( (EP) ) – d8 ( (IX) +off) – d8 (Ri) – d8 (SP) ← (SP) + 1 (SP) ← (SP) – 1 – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – + + R – + + R – + + R – + + R – + + R – + + R – + + R – + + R – + + R – + + + + + + + + + + + + + + + + – – – – – – – – 67 66 68 to 6F 72 74 75 77 76 78 to 7F 95 97 96 98 to 9F C1 D1 Mnemonic ~ # Operation TL TH AH N Z V C OP code BZ/BEQ rel BNZ/BNE rel BC/BLO rel BNC/BHS rel BN rel BP rel BLT rel BGE rel BBC dir: b,rel BBS dir: b,rel JMP @A JMP ext CALLV #vct CALL ext XCHW A,PC RET RETI 3 3 3 3 3 3 3 3 5 5 2 3 6 6 3 4 6 2 2 2 2 2 2 2 2 3 3 1 3 1 3 1 1 1 If Z = 1 then PC ← PC + rel If Z = 0 then PC ← PC + rel If C = 1 then PC ← PC + rel If C = 0 then PC ← PC + rel If N = 1 then PC ← PC + rel If N = 0 then PC ← PC + rel If V ∀ N = 1 then PC ← PC + rel If V ∀ N = 0 then PC ← PC + reI If (dir: b) = 0 then PC ← PC + rel If (dir: b) = 1 then PC ← PC + rel (PC) ← (A) (PC) ← ext Vector call Subroutine call (PC) ← (A),(A) ← (PC) + 1 Return from subrountine Return form interrupt – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – dH – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – + – – – + – – – – – – – – – – – – – – – – – – – – – – – – – – Restore FD FC F9 F8 FB FA FF FE B0 to B7 B8 to BF E0 21 E8 to EF 31 F4 20 30 Mnemonic ~ # Operation TL TH AH N Z V C OP code PUSHW A POPW A PUSHW IX POPW IX NOP CLRC SETC CLRI SETI 4 4 4 4 1 1 1 1 1 1 1 1 1 1 1 1 1 1 – – – – – – – – – – – – – – – – – – – dH – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – R – – – S – – – – – – – – 40 50 41 51 00 81 91 80 90 |