전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HC2F100-SN 데이터시트(PDF) 2 Page - LEM

부품명 HC2F100-SN
상세설명  AUTOMOTIVE CURRENT TRANSDUCER HC2F100-SN CLIPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEM [LEM]
홈페이지  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HC2F100-SN 데이터시트(HTML) 2 Page - LEM

  HC2F100-SN Datasheet HTML 1Page - LEM HC2F100-SN Datasheet HTML 2Page - LEM HC2F100-SN Datasheet HTML 3Page - LEM HC2F100-SN Datasheet HTML 4Page - LEM HC2F100-SN Datasheet HTML 5Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2/5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
18october2011/2
HC2F100-SN CLIPS
Signal
+5V
ASIC
Output
amplifier
Gnd
Hall
Gnd
Out
C2
C1
+/- Ip
R1
C3
Remarks
● General tolerance
± 0.2 mm
●
V
OUT >
when
I
P flows in the direction of the arrow.
Power supply decoupling capacitor: C2 = 47 nF
EMC protection capacitor
C3 = 4.7 nF
Optional:
High frequency signal noise filter:
R1 > 100 Ω
C1 = defined according to the system frequency bandwidth
V
C
2
Dimensions HC2F100-SN CLIPS family (in mm)
Secondary connection
Connection
Bill of materials
● Plastic case
PBT GF 30
● Magnetic core
FeNi alloy
● Pins and primary bus bar
Copper alloy tin
plated (lead free)
● Mass
6 g
Electronic schematic
Terminals
Designations
3Supply voltage + 5 V DC
1V
out
2Ground
E1 to E4
Ground (*)
HC2F-SN CLIPS



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com